Selected language     English  ▼


J-7- Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. J-7-
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 5 page
background image
J
J
207
Model
J-7-V4
OF max.
0.20 N {20 gf}
RF min.
{g }
0.02 N {3 gf}
PT max.
4.5 mm
OT min.
0.8 mm
MD max.
1.2 mm
OP
8.3
±2.9 mm
Model
J-7-V22
OF max.
0.54 N {55 gf}
RF min.
{g }
0.04 N {5 gf}
PT max.
1.6 mm
OT min.
0.25 mm
MD max.
0.4 mm
OP
14.7
±1 mm
Model
J-7-V2
OF max.
0.324 N {33 gf}
RF min.
{g }
0.02 N {3 gf}
PT max.
2.7 mm
OT min.
0.45 mm
MD max.
0.7 mm
OP
14.7
±1.9 mm
Long Hinge Lever Models
J-7-V4
1 dia.
1.5 dia.
t = 0.3
(Stainless-steel
spring lever)
2.35
+0.05
–0.025
dia.
2.5
dia.
+0.05
–0.025
A
Short Hinge Roller Lever Models
J-7-V22
Note:
Stainless-steel spring lever
1 dia.
1.5 dia.
t = 0.3
(see note)
2.35
+0.05
–0.025
dia.
4.8 dia.
2.2 (Stainless-steel roller)
2.5
dia.
+0.05
–0.025
A
Hinge Roller Lever Models
J-7-V2
Note:
Stainless-steel spring lever
1 dia.
1.5 dia.
t = 0.3
(see note)
2.35
+0.05
–0.025
dia.
4.8 dia.
2.2
(Stainless-steel roller)
2.5
dia.
+0.05
–0.025
A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl