Selected language     English  ā–¼


J-7Y- Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. J-7Y-
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 1 page
background image
203
Ultra Subminiature Basic Switch
J
Subminiature Models Capable of
Large-capacity Loads
Snap-action switch allows large-capacity switching
(7 A at 250 VAC) in spite of its small size
(8.9
12.7
5.1 mm).
Particularly suitable as control switches for
applications where there are restrictions on
installation space and weight.
Easy positioning, as the pin plunger is located in
alignment with the center line of one of the two
mounting holes.
RC
Ordering Information
Model Number Legend
J-7
j-j
12
3
1.
Ratings
7:
7 A at 250 VAC
2.
Contact Material
None: Gold-plated silver
Y:
Silver
3.
Actuator
None: Pin plunger
V:
Short hinge lever
V3:
Hinge lever
V4:
Long hinge lever
V22:
Short hinge roller lever
V2:
Hinge roller lever
List of Models
Actuator
Model
Pin plunger
J-7
Short hinge
lever
J-7-V
Hinge lever
J-7-V3
Long hinge lever
J-7-V4
Short hinge roller
lever
J-7-V22
Hinge roller lever
J-7-V2
Note:
Externally mounted levers JAL and JAL2 are sold sepa-
rately. Refer to page 208.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl