Selected language     English  ▼


J-7Y-V Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. J-7Y-V
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 3 page
background image
J
J
205
Approved Standards
Consult your OMRON sales representative for specific models with
standard approvals.
UL508 (File No. E41515)/
CSA C22.2 No. 55 (File No. LR21642)
Rated voltage
J-7
125 VAC
7 A
250 VAC
Contact Specifications
Contact
Specification
Rivet
Material
Silver plated
Gold plated
Gap (standard value)
0.35 mm
Inrush
t
NC
15 A max.
current
NO
7 A max.
Minimum applicable load
30 mA at 5 VDC
Contact Form
SPDT
Engineering Data (Reference Values)
Mechanical Durability
Electrical Durability
Overtravel (mm)
100,000
70,000
50,000
30,000
10,000
7,000
5,000
3,000
1,000
0
0.1
0.2
0.3
0.4
0.5
Without load
Operating frequency:
400 operations/min
Resistive load: cos
φ = 1
Operating frequency:
20 operations min. max.
cos
φ=1
125 VAC
250 VAC
1,000
700
500
300
200
100
70
50
30
20
10
01
23
4
5
6
7
8
Switching current (A)
Ambient temperature: 20
±2 °C
Ambient humidity: 65
±5%
Ambient temperature: 20
±2 °C
Ambient humidity: 65
±5%




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl