Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G70D-VFOM16 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G70D-VFOM16
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G70D-VFOM16 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G70D-VFOM16 Datasheet HTML 6Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 7Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 8Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 9Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 10Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 11Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 12Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 13Page - Omron Electronics LLC G70D-VFOM16 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
G70D
G70D
10
3 GENERAL-PURPOSE CONNECTING CABLES
Unit: mm (inch)
G79-Y
PC Cable with Crimp Terminals
Convenient for connecting screw terminals to Output Blocks
Connecting to
devices
Connecting to
G70D Relay
Output Block
Side A
Side B
300
ç
G79-A
PC Cable with Loose Wires
Device connection end provides loose wires.
Connecting to
peripheral devices
Connecting to
G70D Relay
Output Block
Side A
Side B
ç
300
With loose wires and crimp terminals
With loose wires
Length (
ç)
Part number
Length (
ç)
Part number
1,000 mm (3.28 ft)
1,500 mm (4.92 ft)
2,000 mm (6.56 ft)
3,000 mm (9.84 ft)
5,000 mm (16.40 ft)
G79-Y100C
G79-Y150C
G79-Y200C
G79-Y300C
G79-Y500C
2,000 mm (6.56 ft)
5,000 mm (16.40 ft)
G79-A200C
G79-A500C
3 DEDICATED CONNECTING CABLES FOR OMRON PLC MODULES
Guidelines
The number of I/O points used must correspond to the number of Output Blocks.
The number of I/O connectors used must correspond to the number of cables.
G79-
PC Cable with Connector (1:1)
ç
Connection to
PLC high--density
output modules
Connection to
G70D Relay
Output Block
Side A
Side B
Applicable Omron PLC
High-density I/O Modules
Connector Cable for Output Blocks
Part number
No. of output points
Length (
ç)
Part number
C200H-OD215
C200H MD215
32 output points (2 cables)
16 i
t /16
t
t (1
bl )
1,000 mm
G79-100C
C200H-MD215
C500-OD415CN
(
)
16 inputs/16 outputs (1 cable)
32 output points (2 cables)
1,500 mm
G79-150C
C500-OD415CN
C500-MD211CN
32 output points (2 cables)
16 inputs/16 outputs (1 cable)
2,000 mm
G79-200C
C500 MD211CN
16 in uts/16 out uts (1 cable)
3,000 mm
G79-300C
5,000 mm
G79-500C


Similar Part No. - G70D-VFOM16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G70D-VFOM16 OMRON-G70D-VFOM16 Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G70D-VFOM16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com