Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G79-Y300C Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G79-Y300C
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G79-Y300C Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G79-Y300C Datasheet HTML 6Page - Omron Electronics LLC G79-Y300C Datasheet HTML 7Page - Omron Electronics LLC G79-Y300C Datasheet HTML 8Page - Omron Electronics LLC G79-Y300C Datasheet HTML 9Page - Omron Electronics LLC G79-Y300C Datasheet HTML 10Page - Omron Electronics LLC G79-Y300C Datasheet HTML 11Page - Omron Electronics LLC G79-Y300C Datasheet HTML 12Page - Omron Electronics LLC G79-Y300C Datasheet HTML 13Page - Omron Electronics LLC G79-Y300C Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
G70D
G70D
11
G79-O
PC-P Cable with Connector (1:2)
Straight length
B
A
Connection to
PLC high-density
output modules
Connection to
G70D Relay
Output Blocks
Side A
Side B
CN1
CN2
Applicable Omron PLC
Hi h d
it I/O M d l
Connector Cable for Output Blocks
pp
High-density I/O Modules
Length (
ç)
Part number
Part number
No. of output points
A
B
C200H-OD218
C200H OD219
32 points (1 cable)
64
i t (2
bl
)
1,000 mm (3.28 ft)
750 mm (2.46 ft)
G79-O100C-75
C200H-OD219
C500-OD213
(
)
64 points (2 cables)
64 points (2 cables)
1,500 mm (4.92 ft)
1,250 mm (4.10 ft)
G79-O150C-125
C500-OD213
CQM1-OD213
64 points (2 cables)
32 points (1 cable)
2,000 mm (6.56 ft)
1,750 mm (5.74 ft)
G79-O200C-175
CQM1 OD213
32 oints (1 cable)
3,000 mm (9.84 ft)
2,750 mm (9.02 ft)
G79-O300C-275
5,000 mm (16.40 ft)
4,750 mm (15.58 ft)
G79-O500C-475
G79-
PC-P-P Cable with Connector (1:3)
Straight length
B
A
C
Connection to
PLC high-density
output modules
Connection to
G70D Relay
Output Blocks
Side A
Side B
CN1
CN2
CN3
Applicable Omron PLC
Hi h d
it I/O M d l
Connector Cable for Output Blocks
pp
High-density I/O Modules
Length (
ç)
Part number
Part number
No. of output points
A
B
C
CS1W-OD29
P
CS1W MD29
96 points (2 cables)
48 i
t /48
t
t
1,500 mm (4.92 ft)
1,250 mm (4.10 ft)
1,000 mm (3.28 ft)
G79-150C-125-100
CS
O
9
CS1W-MD29
P
(
)
48 inputs/48 outputs
(1 cable)
2,000 mm (6.56 ft)
1,750 mm (5.74 ft)
1,500 mm (4.92 ft)
G79-200C-175-150
(1 cable)
3,000 mm (9.84 ft)
2,750 mm (9.02 ft)
2,500 mm (8.20 ft)
G79-300C-275-250


Similar Part No. - G79-Y300C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-Y300C OMRON-G79-Y300C Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G79-Y300C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com