Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L127-T2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-L127-T2
Description  Mounting Brackets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L127-T2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-L127-T2 Datasheet HTML 1Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 2Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 3Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 4Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 5Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 6Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 7Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 8Page - Omron Electronics LLC E39-L127-T2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
E39-L/F39-L/E39-S/E39-R
Note:
Applicable models that appear shaded come with the Mounting Brackets at left as accessories.
Model
Fitting
materials
Count
Accessories
Applicable sensor
(mounting pitch on
sensor side)
Page
Description
Material
Count
Dimensions
E39-L93FH
Stainless steel
(SUS304)
1
Holder (upper)
Heat-resistant ABS resin
1
E3Z (25.4)
E3S-R1
@/R3@
/R6
@/R8@ (20)
E39-R1/E39-R3
8
Holder (lower)
66 nylon
1
Pipe
Stainless steel (SUS304)
1
E39-L93FV
Stainless steel
(SUS304)
1
Bolts M4
× 12 with Hexagonal
holes
Iron, nickel plating
2
Bolts M4
× 30 with hexagonal
holes
Iron, nickel plating
1
E39-L93H
Stainless steel
(SUS304)
1
Phillips screws M3
× 12
(with spring and plain washers)
Stainless steel (SUS304)
2
E39-L93V
Stainless steel
(SUS304)
1
Spring washer M4
Iron, nickel plating
1
Plain washer M4
Iron, nickel plating
1
Nuts M4
Iron, nickel plating
3
E39-L93XY
---
---
Holder
66 nylon
1
E3Z (25.4)
E3S-R1
@/R3@
/R6
@/R8@ (20)
E39-R1/E39-R3
9
Pipe
Stainless steel (SUS304)
1
Bolts M5
× 16 with hexagonal holes
Stainless steel (SUS304)
2
Nuts M5
Stainless steel (SUS304)
2
E39-L94
Iron, zinc plating
2
Phillips screws M3
× 10
Iron, zinc plating
4
E32-T16P (19)
Nuts M3
Iron, zinc plating
4
E39-L96
* For installation
of Sensor
Adjuster E39-
L93
Stainless steel
(SUS304)
1
Phillips screws M3
× 6
(with spring and plain washers)
Iron, nickel plating
2
E39-R1
E39-L97
Stainless steel
(SUS304)
1
Slotted/Phillips screws M3
× 12
(with spring and plain washers)
Stainless steel (SUS304)
2
E3S-R1
@/R3@ (20)
E39-L98
Stainless steel
(SUS304)
1
Slotted/Phillips screws M3
× 12
(with spring and plain washers)
Stainless steel (SUS304)
2
E3Z pre-wired model
(25.4)
E3S-R6
@/R8@ (20)
E39-L102
Stainless steel
(SUS304)
1
Hexagonal bolts M4
× 12
(with spring and plain washers)
Iron, zinc plating
2
E3S-C (horizontal type)
(25.4)
10
E39-L103
Stainless steel
(SUS304)
1
Hexagonal bolts M4
× 12
(with spring and plain washers)
Iron, zinc plating
2
E3S-C (vertical type) (25.4)
E3S-CR62/67 (25.4)
E39-L104
Stainless steel
(SUS304)
1
Slotted/Phillips screws M3
× 8
(with spring and plain washers)
Stainless steel (SUS304)
2
E3Z pre-wired model
(25.4)
E32-R21 (for installation of
E39-R3) (25.4)
E39-L109
Stainless steel
(SUS430)
1
---
---
---
E32-S15-
@ (13.2)
E39-L114
Stainless steel
(SUS430)
2
Phillips screws M5
× 10
Iron, zinc plating
4
E3MC (28)
E39-L115
Stainless steel
(SUS304)
1
Phillips screws M5
× 8
Iron, zinc plating
4
E3MC
Slotted/Phillips screws M3
× 8
Iron, nickel plating
2
E39-L116
Stainless steel
(SUS304)
1
---
---
---
E3T-S (9/15)
11
E39-L117
Stainless steel
(SUS304)
1
---
---
---
E3T-S (9/15)
E39-L118
Stainless steel
(SUS304)
1
---
---
---
E3T-S (9/15)
E39-L119
Stainless steel
(SUS304)
1
---
---
---
E3T-F (8)
E39-L120
Stainless steel
(SUS304)
1
---
---
---
E3T-F (8)
E39-L127-T1
Iron, zinc plating
1
Phillips screws M2.3
× 8
Iron, zinc plating
4
E3C-S10 (7.5)
Spring washer M2.3
Iron, zinc plating
4
E39-L127-T2
Iron, zinc plating
1
Phillips screws M2.3
× 8
Iron, zinc plating
4
Spring washer M2.3
Iron, zinc plating
4
E39-L127-T3
Iron, zinc plating
1
Phillips screws M2.3
× 8
Iron, zinc plating
4
Spring washer M2.3
Iron, zinc plating
4


Similar Part No. - E39-L127-T2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L127-T2 OMRON-E39-L127-T2 Datasheet
1Mb / 19P
   Mounting Brackets
More results

Similar Description - E39-L127-T2

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Ohmite Mfg. Co.
18-100 OHMITE-18-100 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com