Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G79-200C Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G79-200C
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G79-200C Datasheet(HTML) 5 Page - Omron Electronics LLC

  G79-200C Datasheet HTML 1Page - Omron Electronics LLC G79-200C Datasheet HTML 2Page - Omron Electronics LLC G79-200C Datasheet HTML 3Page - Omron Electronics LLC G79-200C Datasheet HTML 4Page - Omron Electronics LLC G79-200C Datasheet HTML 5Page - Omron Electronics LLC G79-200C Datasheet HTML 6Page - Omron Electronics LLC G79-200C Datasheet HTML 7Page - Omron Electronics LLC G79-200C Datasheet HTML 8Page - Omron Electronics LLC G79-200C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
G70D
G70D
5
Engineering Data
3 RELAY OUTPUT MODELS
G70D-SOC16(-1)/G70D-VSOC16
Max. Switching Capacity
Life Expectancy
DC resistive load
AC resistive load
Switching voltage (V)
250 VAC/30 VDC resistive load
Switching current (A)
3 POWER MOSFET OUTPUT MODELS
G70D-FOM16(-1)/G70D-VFOM16
Load Current vs. Ambient Temperature Characteristics
Inrush Current Resistivity
Ambient temperature (
°C)
Energizing time (ms)
Non-repetitive (Keep the inrush current to half the rated
value or less if it occurs repeatedly.)


Similar Part No. - G79-200C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-200C OMRON-G79-200C Datasheet
417Kb / 14P
   Relay Output Blocks
G79-200C-175-150 OMRON-G79-200C-175-150 Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G79-200C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com