Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAV99
Description  For high-speed switching applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV99 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAV99 Datasheet HTML 1Page - Infineon Technologies AG BAV99 Datasheet HTML 2Page - Infineon Technologies AG BAV99 Datasheet HTML 3Page - Infineon Technologies AG BAV99 Datasheet HTML 4Page - Infineon Technologies AG BAV99 Datasheet HTML 5Page - Infineon Technologies AG BAV99 Datasheet HTML 6Page - Infineon Technologies AG BAV99 Datasheet HTML 7Page - Infineon Technologies AG BAV99 Datasheet HTML 8Page - Infineon Technologies AG BAV99 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2007-09-19
5
BAV99...
Forward current IF = ƒ (TS)
BAV99S
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
mA
250
Forward current IF = ƒ (TS)
BAV99U
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
mA
250
Forward current IF = ƒ (TS)
BAV99W
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
mA
250
Permissible Puls Load RthJS = ƒ (tp)
BAV99
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
TP
-1
10
0
10
1
10
2
10
3
10
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Nanjing International G...
BAV99 DGNJDZ-BAV99 Datasheet
83Kb / 2P
   Fast switching in thick and thin-film circuits diode
logo
Diotech Company.
BAV99 DIOTECH-BAV99 Datasheet
977Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Youtai Semico...
BAV99 UMW-BAV99 Datasheet
850Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BAV99 INFINEON-BAV99 Datasheet
487Kb / 8P
   Silicon Switching Diode
Mar-10-2004
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAV99B5003 INFINEON-BAV99B5003 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16E6327 INFINEON-BAS16E6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAS28E-6433 INFINEON-BAS28E-6433 Datasheet
93Kb / 7P
   For high-speed switching applications
2007-04-19
BAS21-03WE6327 INFINEON-BAS21-03WE6327 Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com