Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99U Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BAV99U
Description  For high-speed switching applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV99U Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BAV99U Datasheet HTML 5Page - Infineon Technologies AG BAV99U Datasheet HTML 6Page - Infineon Technologies AG BAV99U Datasheet HTML 7Page - Infineon Technologies AG BAV99U Datasheet HTML 8Page - Infineon Technologies AG BAV99U Datasheet HTML 9Page - Infineon Technologies AG BAV99U Datasheet HTML 10Page - Infineon Technologies AG BAV99U Datasheet HTML 11Page - Infineon Technologies AG BAV99U Datasheet HTML 12Page - Infineon Technologies AG BAV99U Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2007-09-19
11
BAV99...
Package SOT343
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
2005, June
Date code (YM)
BGA420
Type code
0.2
4
2.15
1.1
Pin 1
0.6
1.15
0.9
0.1 MAX.
0.15
+0.1
-0.05
0.3 +0.1
2 ±0.2
±0.1
0.9
12
3
4
A
+0.1
0.6
A
M
0.2
1.3
-0.05
-0.05
0.15
0.1 M
4x
0.1
Pin 1
Manufacturer


Similar Part No. - BAV99U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAV99U INFINEON-BAV99U Datasheet
487Kb / 8P
   Silicon Switching Diode
Mar-10-2004
BAV99U INFINEON-BAV99U Datasheet
171Kb / 13P
   Silicon Switching Diode
2007-09-19
BAV99U5003 INFINEON-BAV99U5003 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
More results

Similar Description - BAV99U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAV99B5003 INFINEON-BAV99B5003 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16E6327 INFINEON-BAS16E6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAS28E-6433 INFINEON-BAS28E-6433 Datasheet
93Kb / 7P
   For high-speed switching applications
2007-04-19
BAS21-03WE6327 INFINEON-BAS21-03WE6327 Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com