Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP460 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP460
Description  NPN Silicon RF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP460 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP460 Datasheet HTML 2Page - Infineon Technologies AG BFP460 Datasheet HTML 3Page - Infineon Technologies AG BFP460 Datasheet HTML 4Page - Infineon Technologies AG BFP460 Datasheet HTML 5Page - Infineon Technologies AG BFP460 Datasheet HTML 6Page - Infineon Technologies AG BFP460 Datasheet HTML 7Page - Infineon Technologies AG BFP460 Datasheet HTML 8Page - Infineon Technologies AG BFP460 Datasheet HTML 9Page - Infineon Technologies AG BFP460 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2010-05-17
BFP460
6
Power gain Gma, Gms, |S21|2 = ƒ (f)
VCE = 3 V, IC = 20 mA
0
1
2
3
4
GHz
6
f
0
5
10
15
20
25
30
35
40
dB
50
Gms
Gma
|S21|²
Power gain Gma, Gms = ƒ (IC)
VCE = 3V
f = parameter in GHz
0
10
20
30
40
mA
60
IC
4
6
8
10
12
14
16
18
20
dB
24
0.9
1.8
2.4
3
4
5
6
Power gain Gma, Gms = ƒ (VCE)
IC = 20 mA
f = parameter in GHz
0.5
1
1.5
2
2.5
3
3.5
V
4.5
VCE
4
6
8
10
12
14
16
18
20
dB
24
0.9
1.8
2.4
3
4
5
6
Noise figure F =
ƒ(IC)
VCE = 2 V, f = parameter
ZS = ZSopt


Similar Part No. - BFP460

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
   NPN Silicon RF Transistor
Jun-14-2004
BFP460 INFINEON-BFP460 Datasheet
623Kb / 11P
   NPN Silicon RF Transistor
2010-05-17
BFP460 INFINEON-BFP460_10 Datasheet
623Kb / 11P
   NPN Silicon RF Transistor
2010-05-17
BFP460 INFINEON-BFP460_13 Datasheet
656Kb / 10P
   Low Noise Silicon Bipolar RF Transistor
2013-09-13
More results

Similar Description - BFP460

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com