Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858CW Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BC858CW
Description  PNP Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC858CW Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BC858CW Datasheet HTML 3Page - Infineon Technologies AG BC858CW Datasheet HTML 4Page - Infineon Technologies AG BC858CW Datasheet HTML 5Page - Infineon Technologies AG BC858CW Datasheet HTML 6Page - Infineon Technologies AG BC858CW Datasheet HTML 7Page - Infineon Technologies AG BC858CW Datasheet HTML 8Page - Infineon Technologies AG BC858CW Datasheet HTML 9Page - Infineon Technologies AG BC858CW Datasheet HTML 10Page - Infineon Technologies AG BC858CW Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2011-09-19
9
BC857...-BC860...
Package SOT323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
0.1 MAX.
0.15
+0.1
-0.05
0.3
+0.1
±0.1
0.9
12
3
A
±0.2
2
-0.05
0.65
0.65
M
3x
0.1
0.1
M
0.2
A
0.2
4
2.15
1.1
Pin 1
Pin 1
2005, June
Date code (YM)
BCR108W
Type code
0.6
0.65
0.65
Manufacturer


Similar Part No. - BC858CW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC858CW SIEMENS-BC858CW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
SHIKUES Electronics
BC858CW SKTECHNOLGY-BC858CW Datasheet
614Kb / 4P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC858CW DIODES-BC858CW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Shenzhen Luguang Electr...
BC858CW LUGUANG-BC858CW Datasheet
1Mb / 5P
   PNP Silicon Epitaxial Planar Transistor
Revision:20170701-P1
logo
Infineon Technologies A...
BC858CW INFINEON-BC858CW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC858CW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com