Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP650H6327 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BFP650H6327
Description  High Linearity Silicon Germanium Bipolar RF Transistor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP650H6327 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BFP650H6327 Datasheet HTML 5Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 6Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 7Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 8Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 9Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 10Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 11Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 12Page - Infineon Technologies AG BFP650H6327 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
BFP650
Maximum Ratings
Data Sheet
9
Revision 1.1, 2012-09-13
3
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 3-1
Maximum Ratings at
T
A = 25 °C (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Max.
Collector emitter voltage
VCEO
Open base
–4.0
V
TA = 25 °C
–3.7
V
TA = -55 °C
Collector emitter voltage
VCES
13
V
E-B short circuited
Collector base voltage
VCBO
13
V
Open emitter
Emitter base voltage
VEBO
1.2
V
Open collector
Collector current
IC
–150
mA
Base current
IB
–10
mA
Total power dissipation1)
1) TS is the soldering point temperature. TS is measured on the emitter lead at the soldering point of the pcb.
Ptot
–500
mW
TS ≤ 78 °C
Junction temperature
TJ
–150
°C
Storage temperature
TStg
-55
150
°C


Similar Part No. - BFP650H6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650 INFINEON-BFP650 Datasheet
209Kb / 7P
   NPN Silicon Germanium RF Transistor
Jan-08-2004
BFP650 INFINEON-BFP650 Datasheet
191Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-27-2003
BFP650 INFINEON-BFP650 Datasheet
1Mb / 27P
   High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.0, 2010-10-22
BFP650E6327 INFINEON-BFP650E6327 Datasheet
191Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-27-2003
BFP650F INFINEON-BFP650F Datasheet
129Kb / 7P
   NPN Silicon Germanium RF Transistor
2007-08-09
More results

Similar Description - BFP650H6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP450H6327 INFINEON-BFP450H6327 Datasheet
1Mb / 28P
   High Linearity Silicon Bipolar RF Transistor
Revision 1.1, 2012-09-11
BFP640F INFINEON-BFP640F_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP760 INFINEON-BFP760_15 Datasheet
837Kb / 27P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-08-05
BFP720F INFINEON-BFP720F_12 Datasheet
1Mb / 25P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-25
BFP640 INFINEON-BFP640_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP740 INFINEON-BFP740_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2015-01-20
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
BFP720 INFINEON-BFP720_12 Datasheet
1Mb / 25P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-19
BFP740F INFINEON-BFP740F_15 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-12
BFR720L3RH INFINEON-BFR720L3RH_12 Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2012-09-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com