Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC860B Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC860B
Description  PNP Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC860B Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC860B Datasheet HTML 1Page - Infineon Technologies AG BC860B Datasheet HTML 2Page - Infineon Technologies AG BC860B Datasheet HTML 3Page - Infineon Technologies AG BC860B Datasheet HTML 4Page - Infineon Technologies AG BC860B Datasheet HTML 5Page - Infineon Technologies AG BC860B Datasheet HTML 6Page - Infineon Technologies AG BC860B Datasheet HTML 7Page - Infineon Technologies AG BC860B Datasheet HTML 8Page - Infineon Technologies AG BC860B Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2011-09-19
2
BC857...-BC860...
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BC857..., BC860...
BC858..., BC859...
VCEO
45
30
V
Collector-base voltage
BC857..., BC860...
BC858..., BC859...
VCBO
50
30
Emitter-base voltage
VEBO
5
Collector current
IC
100
mA
Peak collector current, tp ≤ 10 ms
ICM
200
Total power dissipation
TS ≤ 71 °C, BC857-BC860
TS ≤ 135 °C, BC857BL3
TS ≤ 124 °C, BC857W-BC860W
Ptot
330
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BC857-BC860
BC857BL3
BC857W-BC860W
RthJS
≤ 240
≤ 60
≤ 105
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Similar Part No. - BC860B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860B PHILIPS-BC860B Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
logo
Siemens Semiconductor G...
BC860B SIEMENS-BC860B Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC860B FAIRCHILD-BC860B Datasheet
68Kb / 5P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC860B INFINEON-BC860B Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC860B DIOTEC-BC860B Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC860B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com