Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9958 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 3Page - STMicroelectronics L9958 Datasheet HTML 4Page - STMicroelectronics L9958 Datasheet HTML 5Page - STMicroelectronics L9958 Datasheet HTML 6Page - STMicroelectronics L9958 Datasheet HTML 7Page - STMicroelectronics L9958 Datasheet HTML 8Page - STMicroelectronics L9958 Datasheet HTML 9Page - STMicroelectronics L9958 Datasheet HTML 10Page - STMicroelectronics L9958 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
L9958
Pins description
Doc ID 17269 Rev 5
7/38
2
Pins description
2.1
PowerSO-20
The exposed slug must be soldered on the PCB and connected to GND.
Figure 2.
PowerSO-20 pin connection (top view)
Table 2.
PowerSO-20 pin function
Pin N°
Name
Description
1
GND
Ground
2SO
Serial out
3
VDDIO
Supply voltage for SPI
4
CS
Chip select
5
CP
Charge pump
6
VS
Supply voltage
7
DIR
Direction input
8OUT1
Output 1
9
DI
Disable
10
GND
Ground
11
GND
Ground
12
EN
Enable
13
OUT2
Output 2
14
PWM
PWM input
15
REXT
External reference resistor
16
SI
Serial in
17
SCK
SPI clock
18
VDD
Supply voltage
19
N.C.
Not connected (To be connected to GND on the PCB)
20
GND
Ground


Similar Part No. - L9958

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
   Low RDSON SPI controlled H-Bridge
Rev 6 December 2013
More results

Similar Description - L9958

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
   Low RDSON SPI controlled H-Bridge
Rev 6 December 2013
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
   SPI CONTROLLED H-BRIDGE
May 2005 Rev. 2
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
   SPI CONTROLLED H-BRIDGE
logo
ON Semiconductor
NCV7535 ONSEMI-NCV7535 Datasheet
305Kb / 21P
   SPI Controlled H-bridge and Dual-Half Bridge Pre-Driver
February, 2018 ??Rev. 1
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
IFX9201SG INFINEON-IFX9201SG_15 Datasheet
1Mb / 27P
   6 A H-Bridge with SPI
Rev. 1.1, 2015-02-15
TLE9201SG INFINEON-TLE9201SG Datasheet
1Mb / 26P
   6 A H-Bridge with SPI
Rev. 1.0, 2014-02-25
IFX9202ED INFINEON-IFX9202ED Datasheet
1Mb / 28P
   Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-12-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com