Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS82527F8 Datasheet(PDF) 5 Page - InnovASIC, Inc

Part # AS82527F8
Description  Serial Communications Controller?봀AN Protocol
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AS82527F8 Datasheet(HTML) 5 Page - InnovASIC, Inc

  AS82527F8 Datasheet HTML 1Page - InnovASIC, Inc AS82527F8 Datasheet HTML 2Page - InnovASIC, Inc AS82527F8 Datasheet HTML 3Page - InnovASIC, Inc AS82527F8 Datasheet HTML 4Page - InnovASIC, Inc AS82527F8 Datasheet HTML 5Page - InnovASIC, Inc AS82527F8 Datasheet HTML 6Page - InnovASIC, Inc AS82527F8 Datasheet HTML 7Page - InnovASIC, Inc AS82527F8 Datasheet HTML 8Page - InnovASIC, Inc AS82527F8 Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
IA82527
Data Sheet
CAN Serial Communications Controller
December 20, 2012
IA211080504-07
http://www.innovasic.com
Customer Support:
Page 5 of 58
(888) 824-4184
LIST OF TABLES
Table 1. PLCC Pin List .................................................................................................................10
Table 2. PQFP Pin List .................................................................................................................13
Table 3. Pin/Signal Descriptions...................................................................................................15
Table 4. Absolute Maximum Ratings ...........................................................................................25
Table 5. Thermal Characteristics ..................................................................................................25
Table 6. DC Parameters ................................................................................................................26
Table 7. ISO Physical Layer DC Parameters................................................................................27
Table 8. Address Map ...................................................................................................................31
Table 9. Message Object Structure ...............................................................................................32
Table 10. Mode 0 and Mode 1: General Bus and Ready Timing for 5.0V Operation.................34
Table 11. Mode 0 and Mode 1: General Bus and Ready Timing for 3.3V Operation.................35
Table 12. Mode 2: General Bus Timing for 5.0V Operation.......................................................39
Table 13. Mode 2: General Bus Timing for 3.3V Operation.......................................................40
Table 14. Mode 3: Asynchronous Operation Timing for 5.0V Operation...................................42
Table 15. Mode 3: Asynchronous Operation Timing for 3.3V Operation...................................43
Table 16. Mode 3: Synchronous Operation Timing for 5.0V Operation.....................................46
Table 17. Mode 3: Synchronous Operation Timing for 3.3V Operation.....................................47
Table 18. Serial Interface Mode Timing for 5.0V Operation .......................................................50
Table 19. Serial Interface Mode Timing for 3.3V Operation .......................................................51
Table 20. Innovasic Part Number Cross-Reference......................................................................53
Table 21. Revision History ...........................................................................................................57


Similar Part No. - AS82527F8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AS82527 INTEL-AS82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
AS82527 ROCHESTER-AS82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
More results

Similar Description - AS82527F8

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com