Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS336P Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NDS336P
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS336P Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NDS336P Datasheet HTML 1Page - Fairchild Semiconductor NDS336P Datasheet HTML 2Page - Fairchild Semiconductor NDS336P Datasheet HTML 3Page - Fairchild Semiconductor NDS336P Datasheet HTML 4Page - Fairchild Semiconductor NDS336P Datasheet HTML 5Page - Fairchild Semiconductor NDS336P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = -250 µA
-20
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = -16 V, VGS = 0 V
-1
µA
T
J =55°C
-10
µA
I
GSS
Gate - Body Leakage Current
V
GS = 8 V, VDS = 0 V
100
nA
I
GSS
Gate - Body Leakage Current
V
GS = -8 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-0.5
-0.78
-1
V
T
J =125°C
-0.3
-0.58
-0.8
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -2.7 V, ID = -1.2 A
0.22
0.27
T
J =125°C
0.34
0.49
V
GS = -4.5 V, ID = -1.3 A
0.16
0.2
I
D(ON)
On-State Drain Current
V
GS = -2.7 V, VDS = -5 V
-2
A
g
FS
Forward Transconductance
V
DS = -5 V, ID = -1.2 A
-3
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -10 V, VGS = 0 V,
f = 1.0 MHz
360
pF
C
oss
Output Capacitance
170
pF
C
rss
Reverse Transfer Capacitance
60
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = -5 V, ID = -1 A,
V
GS = -4.5 V, RGEN = 6
8
15
ns
t
r
Turn - On Rise Time
29
50
ns
t
D(off)
Turn - Off Delay Time
33
60
ns
t
f
Turn - Off Fall Time
23
45
ns
Q
g
Total Gate Charge
V
DS = -10 V, ID = -1.2 A,
V
GS = -4.5 V
5.7
8.5
nC
Q
gs
Gate-Source Charge
0.7
nC
Q
gd
Gate-Drain Charge
1.8
nC
NDS336P Rev. E


Similar Part No. - NDS336P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDS336P-NL VBSEMI-NDS336P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NDS336P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com