Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP310N10F7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP310N10F7
Description  N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP310N10F7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP310N10F7 Datasheet HTML 5Page - STMicroelectronics STP310N10F7 Datasheet HTML 6Page - STMicroelectronics STP310N10F7 Datasheet HTML 7Page - STMicroelectronics STP310N10F7 Datasheet HTML 8Page - STMicroelectronics STP310N10F7 Datasheet HTML 9Page - STMicroelectronics STP310N10F7 Datasheet HTML 10Page - STMicroelectronics STP310N10F7 Datasheet HTML 11Page - STMicroelectronics STP310N10F7 Datasheet HTML 12Page - STMicroelectronics STP310N10F7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID022287 Rev 7
11/13
STP310N10F7
Package mechanical data
13
Figure 19. TO-220 type A drawing


Similar Part No. - STP310N10F7

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP310N10F7 DOINGTER-STP310N10F7 Datasheet
1,003Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STP310N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0062 廓 typ., 19 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
July 2013 Rev 4
STP80N70F4 STMICROELECTRONICS-STP80N70F4 Datasheet
659Kb / 12P
   N-channel 68 V, 8.2 m廓 typ., 85 A STripFET??DeepGATE?? Power MOSFET in TO-220 package
December 2012 Rev 2
STL7N10F7 STMICROELECTRONICS-STL7N10F7 Datasheet
875Kb / 14P
   N-channel 100 V, 0.027 ??typ., 7 A STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??3.3x3.3 package
April 2014 Rev 2
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0145 ??typ., 12 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
October 2013 Rev 3
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com