Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDB710B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NDB710B
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB710B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NDB710B Datasheet HTML 1Page - Fairchild Semiconductor NDB710B Datasheet HTML 2Page - Fairchild Semiconductor NDB710B Datasheet HTML 3Page - Fairchild Semiconductor NDB710B Datasheet HTML 4Page - Fairchild Semiconductor NDB710B Datasheet HTML 5Page - Fairchild Semiconductor NDB710B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May 1994
NDP710A / NDP710AE / NDP710B / NDP710BE
NDB710A / NDB710AE / NDB710B / NDB710BE
N-Channel Enhancement Mode Field Effect Transistor
General Description
Features
_____________________________________________________________________
Absolute Maximum Ratings
T
C = 25°C unless otherwise noted
Symbol Parameter
NDP710A NDP710AE
NDB710A NDB710AE
NDP710B NDP710BE
NDB710B NDB710BE
Units
V
DSS
Drain-Source Voltage
100
V
V
DGR
Drain-Gate Voltage (R
GS < 1 MΩ)
100
V
V
GSS
Gate-Source Voltage - Continuous
±20
V
- Nonrepetitive (t
P < 50 µs)
±40
V
I
D
Drain Current - Continuous
42
40
A
- Pulsed
168
160
A
P
D
Total Power Dissipation @ T
C = 25°C
150
W
Derate above 25°C
1
W/°C
T
J,TSTG
Operating and Storage Temperature Range
-65 to 175
°C
T
L
Maximum lead temperature for soldering
purposes, 1/8" from case for 5 seconds
275
°C
NDP710.SAM
These N-channel enhancement mode power field
effect transistors are produced using Fairchild's
proprietary, high cell density, DMOS technology. This
very high density process has been especially
tailored to minimize on-state resistance, provide
superior switching performance, and withstand high
energy pulses in the avalanche and commutation
modes. These devices are particularly suited for low
voltage applications such as automotive, DC/DC
converters, PWM motor controls, and other battery
powered circuits where fast switching, low in-line
power loss, and resistance to transients are needed.
42 and 40A, 100V. R
DS(ON) = 0.038 and 0.042Ω.
Critical DC electrical parameters specified at
elevated temperature.
Rugged internal source-drain diode can eliminate
the need for an external Zener diode transient
suppressor.
175°C maximum junction temperature rating.
High density cell design (3 million/in²) for extremely
low R
DS(ON).
TO-220 and TO-263 (D
2PAK) package for both
through hole and surface mount applications.
D
G
S
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NDB710B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB710B ISC-NDB710B Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
NDB710BE ISC-NDB710BE Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB710B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com