Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER37LE Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER37LE
Description  VIPerPlus family: fixed frequency offline converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37LE Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER37LE Datasheet HTML 1Page - STMicroelectronics VIPER37LE Datasheet HTML 2Page - STMicroelectronics VIPER37LE Datasheet HTML 3Page - STMicroelectronics VIPER37LE Datasheet HTML 4Page - STMicroelectronics VIPER37LE Datasheet HTML 5Page - STMicroelectronics VIPER37LE Datasheet HTML 6Page - STMicroelectronics VIPER37LE Datasheet HTML 7Page - STMicroelectronics VIPER37LE Datasheet HTML 8Page - STMicroelectronics VIPER37LE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
VIPER37
Pin settings
Doc ID 022218 Rev 1
5/35
3
Pin settings
Figure 3.
Connection diagram (top view)
Note:
The copper area for heat dissipation must be designed under the DRAIN pins.
Table 3.
Pin description
Pin n.
Name
Function
1
GND
This pin represents the device ground and the source of the power section.
2VDD
Supply voltage of the control section. This pin also provides the charging current
of the external capacitor during startup time.
3CONT
Control pin. The following functions can be selected:
1. current limit set point adjustment. The internal set default value of the cycle-by-
cycle current limit can be reduced by connecting to ground an external resistor.
2. output voltage monitoring. A voltage exceeding the VOVP threshold (see
Table 8) shuts the IC down reducing the device consumption. This function is
stropped and digitally filtered for high noise immunity.
4FB
Control input for duty cycle control. Internal current generator provides bias
current for loop regulation. A voltage below the threshold VFBbm activates the
burst mode operation. A level close to the threshold VFBlin means that we are
approaching the cycle-by-cycle overcurrent set point.
5BR
Brownout protection input with hysteresis. A voltage below the threshold VBRth
shuts down (not latched) the device and lowers the power consumption. Device
operation restarts as the voltage exceeds the threshold VBRth + VBRhyst.
It can be connected to ground when not used.
6...10
DRAIN
High voltage drain pin. The built-in high voltage switched startup bias current is
drawn from this pin too.
Pins connected to the metal frame to facilitate heat dissipation.


Similar Part No. - VIPER37LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER317LDTR STMICROELECTRONICS-VIPER317LDTR Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER318HDTR STMICROELECTRONICS-VIPER318HDTR Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER318LDTR STMICROELECTRONICS-VIPER318LDTR Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
More results

Similar Description - VIPER37LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER38 STMICROELECTRONICS-VIPER38 Datasheet
934Kb / 31P
   VIPerPlus family: peak power high-voltage converter
July 2015 Rev 2
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
   Fixed-frequency VIPer plus family
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
   Fixed-frequency VIPer plus family
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER16 STMICROELECTRONICS-VIPER16 Datasheet
1Mb / 30P
   Fixed frequency VIPer??plus family
June 2014 Rev 7
logo
Monolithic Power System...
HF920 MPS-HF920 Datasheet
1Mb / 26P
   900V, Fixed-Frequency, Offline Regulator w/ Ultra-Low Standby Power Consumption
EVHFC0310-S-00A MPS-EVHFC0310-S-00A Datasheet
464Kb / 10P
   Fixed-Frequency Flyback Converter EV Board
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com