Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD261N22K Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # DD261N22K
Description  Netz-Dioden-Modul Rectifier Diode Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD261N22K Datasheet(HTML) 5 Page - Infineon Technologies AG

  DD261N22K Datasheet HTML 1Page - Infineon Technologies AG DD261N22K Datasheet HTML 2Page - Infineon Technologies AG DD261N22K Datasheet HTML 3Page - Infineon Technologies AG DD261N22K Datasheet HTML 4Page - Infineon Technologies AG DD261N22K Datasheet HTML 5Page - Infineon Technologies AG DD261N22K Datasheet HTML 6Page - Infineon Technologies AG DD261N22K Datasheet HTML 7Page - Infineon Technologies AG DD261N22K Datasheet HTML 8Page - Infineon Technologies AG DD261N22K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD261N
BIP AC / 87-08-21, K.Spec
A20/87
5/9
Seite/page
R,Tau_Glieder des Kühlers
Natürliche Kühlung / Natural cooling
3 Module pro Kühler / 3 modules per heatsink
Kühler / Heatsink type: KM17 (60W)
Analytische Elemente des transienten Wärmewiderstandes Z thCA
Analytical elements of transient thermal impedance Z thCA
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,0205
0,07905
1,535
τ
n [s]
2,04
36,4
1340
Verstärkte Kühlung / Forced cooling
3 Module pro Kühler / 3 modules per heatsink
Kühler / Heatsink type: KM17 (Papst 4650)
Analytische Elemente des transienten Wärmewiderstandes Z thCA
Analytical elements of transient thermal impedance Z thCA
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,015
0,08
0,475
τ
n [s]
4,11
40,4
458
Analytische Funktion / Analytical function:
Σ
=
τ
max
n
n=1
thn
thCA
n
– t
- e
1
R
Z


Similar Part No. - DD261N22K

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DD261N INFINEON-DD261N Datasheet
331Kb / 10P
   Pressure contact technology for high reliability
2014-02-17 Revision 3.1
More results

Similar Description - DD261N22K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD540N22K INFINEON-DD540N22K Datasheet
228Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
06.05.03 revision:1
DD390N22S INFINEON-DD390N22S Datasheet
472Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2022-06-27 Revision 3.3
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD220N16S INFINEON-DD220N16S Datasheet
448Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2018-03-21 Revision 3.1
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
logo
Infineon Technologies A...
DD171N12K INFINEON-DD171N12K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD89N12K INFINEON-DD89N12K Datasheet
231Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
29.04.03 revision:1
DD171N INFINEON-DD171N Datasheet
583Kb / 9P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD104N INFINEON-DD104N Datasheet
231Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
Ver 1 29.04.03
DD160N INFINEON-DD160N Datasheet
206Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2009-02-11 revision:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com