Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD-4035-E6327 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ILD-4035-E6327
Description  LED Drivers for High Power LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILD-4035-E6327 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ILD-4035-E6327 Datasheet HTML 4Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 5Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 6Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 7Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 8Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 9Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 10Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 11Page - Infineon Technologies AG ILD-4035-E6327 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SC74-3D
Product Name
Package
Pin Configuration
Marking
ILD4035
SC74-6-4
1 = VS
2 = GND 3 = EN
4 = Vswitch 5 = GND 6 = Vsense 35
350 mA Step Down LED Driver with Internal Switch
ILD4035
Data Sheet
8
Revision 2.0, 2011-08-17
1
Features
Wide input voltage range: 4.5 V ... 40 V
Internal switch for up to 400 mA average LED current
Up to 95 % efficiency
Over current protection
Over voltage protection
Temperature protection mechanism
Inherent open-circuit LED protection
Soft-start capability
Low shut down current
Analog and PWM dimming possible
Typical 3 % output current accuracy
Minimum external components required
Small package: SC74
Applications
LED driver for general lighting applications
Retail, office and residential luminaires and downlights
LED replacement lamps
Architectural lighting


Similar Part No. - ILD-4035-E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD03N60 INFINEON-ILD03N60 Datasheet
330Kb / 15P
   LightMOS Power Transistor
Rev. 1.2 Apr-04
logo
Huber+Suhner, Inc.
ILD09LCUD000000SM0016SS HUBERSUHNER-ILD09LCUD000000SM0016SS Datasheet
583Kb / 3P
   IANOS Splitter Double, Base-1, 1x LC to 8x LCD UPC, SM
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
67Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
More results

Similar Description - ILD-4035-E6327

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5841A1 ROHM-BP5841A1 Datasheet
432Kb / 3P
   High-power LED Drivers for ?llumination
BP5841-1 ROHM-BP5841-1 Datasheet
426Kb / 3P
   High-power LED Drivers for ?llumination
BP5841A ROHM-BP5841A Datasheet
432Kb / 3P
   High-power LED Drivers for ?llumination
BP5842 ROHM-BP5842 Datasheet
471Kb / 3P
   High-power LED Drivers for ?llumination
BP5842A ROHM-BP5842A Datasheet
428Kb / 3P
   High-power LED Drivers for ?llumination
BP5845W ROHM-BP5845W Datasheet
454Kb / 3P
   High-power LED Drivers for Illumination
BP5843A ROHM-BP5843A Datasheet
432Kb / 3P
   High-power LED Drivers for ?llumination
logo
Infineon Technologies A...
ILD4071 INFINEON-ILD4071 Datasheet
1Mb / 25P
   LED Driver for High Power LEDs
Rev. 1.0, 2011-11-16
logo
Texas Instruments
LM3409MY-NOPB TI1-LM3409MY-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   PFET Buck Controller for High Power LED Drivers
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
   DRIVERS for LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com