Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25575MHX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM25575MHX
Description  LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25575MHX Datasheet(HTML) 5 Page - Texas Instruments

  LM25575MHX Datasheet HTML 1Page - Texas Instruments LM25575MHX Datasheet HTML 2Page - Texas Instruments LM25575MHX Datasheet HTML 3Page - Texas Instruments LM25575MHX Datasheet HTML 4Page - Texas Instruments LM25575MHX Datasheet HTML 5Page - Texas Instruments LM25575MHX Datasheet HTML 6Page - Texas Instruments LM25575MHX Datasheet HTML 7Page - Texas Instruments LM25575MHX Datasheet HTML 8Page - Texas Instruments LM25575MHX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM25575, LM25575-Q1
www.ti.com
SNVS479G – JANUARY 2007 – REVISED APRIL 2013
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 24V, RT = 32.4kΩ unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STARTUP REGULATOR
VccReg
Vcc Regulator Output
6.85
7.15
7.45
V
Vcc LDO Mode turn-off
9
V
Vcc Current Limit
Vcc = 0V
25
mA
VCC SUPPLY
Vcc UVLO Threshold
(Vcc increasing)
5.03
5.35
5.67
V
Vcc Undervoltage Hysteresis
0.35
V
Bias Current (Iin)
FB = 1.3V
3.7
4.5
mA
Shutdown Current (Iin)
SD = 0V
48
70
µA
SHUTDOWN THRESHOLDS
Shutdown Threshold
(SD Increasing)
0.47
0.7
0.9
V
Shutdown Hysteresis
0.1
V
Standby Threshold
(Standby Increasing)
1.17
1.225
1.28
V
Standby Hysteresis
0.1
V
SD Pull-up Current Source
5
µA
SWITCH CHARACTERSICS
Buck Switch Rds(on)
330
660
m
BOOST UVLO
4
V
BOOST UVLO Hysteresis
0.56
V
Pre-charge Switch Rds(on)
70
Pre-charge Switch on-time
250
ns
CURRENT LIMIT
Cycle by Cycle Current Limit
RAMP = 0V
1.8
2.1
2.5
A
Cycle by Cycle Current Limit Delay
RAMP = 2.5V
85
ns
SOFT-START
SS Current Source
7
10
14
µA
OSCILLATOR
Frequency1
180
200
220
kHz
Frequency2
RT = 11kΩ
425
485
545
kHz
SYNC Source Impedance
11
k
SYNC Sink Impedance
110
SYNC Threshold (falling)
1.3
V
SYNC Frequency
RT = 11kΩ
550
kHz
SYNC Pulse Width Minimum
15
ns
RAMP GENERATOR
Ramp Current 1
Vin = 36V, Vout=10V
272
310
368
µA
Ramp Current 2
Vin = 10V, Vout=10V
36
50
64
µA
PWM COMPARATOR
Forced Off-time
416
500
575
ns
Min On-time
80
ns
COMP to PWM Comparator Offset
0.7
V
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Texas Instruments' Average Outgoing Quality Level
(AOQL).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25575 LM25575-Q1


Similar Part No. - LM25575MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575MHX TI-LM25575MHX Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575MHX/NOPB TI-LM25575MHX/NOPB Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575MHX/NOPB TI1-LM25575MHX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM25575MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com