Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25575MHX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM25575MHX
Description  LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25575MHX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM25575MHX Datasheet HTML 6Page - Texas Instruments LM25575MHX Datasheet HTML 7Page - Texas Instruments LM25575MHX Datasheet HTML 8Page - Texas Instruments LM25575MHX Datasheet HTML 9Page - Texas Instruments LM25575MHX Datasheet HTML 10Page - Texas Instruments LM25575MHX Datasheet HTML 11Page - Texas Instruments LM25575MHX Datasheet HTML 12Page - Texas Instruments LM25575MHX Datasheet HTML 13Page - Texas Instruments LM25575MHX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
RT =
- 580 x 10
-9
135 x 10
-12
F
1
VIN
VCC
Internal Enable Signal
9V
7V
5.25V
LM25575, LM25575-Q1
SNVS479G – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
An auxiliary supply voltage can be applied to the Vcc pin to reduce the IC power dissipation. If the auxiliary
voltage is greater than 7.3V, the internal regulator will essentially shut off, reducing the IC power dissipation. The
Vcc regulator series pass transistor includes a diode between Vcc and Vin that should not be forward biased in
normal operation. Therefore the auxiliary Vcc voltage should never exceed the Vin voltage.
In high voltage applications extra care should be taken to ensure the VIN pin does not exceed the absolute
maximum voltage rating of 45V. During line or load transients, voltage ringing on the Vin line that exceeds the
Absolute Maximum Ratings can damage the IC. Both careful PC board layout and the use of quality bypass
capacitors located close to the VIN and GND pins are essential.
Figure 2. Vin and Vcc Sequencing
Shutdown / Standby
The LM25575 contains a dual level Shutdown (SD) circuit. When the SD pin voltage is below 0.7V, the regulator
is in a low current shutdown mode. When the SD pin voltage is greater than 0.7V but less than 1.225V, the
regulator is in standby mode. In standby mode the Vcc regulator is active but the output switch is disabled. When
the SD pin voltage exceeds 1.225V, the output switch is enabled and normal operation begins. An internal 5µA
pull-up current source configures the regulator to be fully operational if the SD pin is left open.
An external set-point voltage divider from VIN to GND can be used to set the operational input range of the
regulator. The divider must be designed such that the voltage at the SD pin will be greater than 1.225V when Vin
is in the desired operating range. The internal 5µA pull-up current source must be included in calculations of the
external set-point divider. Hysteresis of 0.1V is included for both the shutdown and standby thresholds. The SD
pin is internally clamped with a 1k
Ω resistor and an 8V zener clamp. The voltage at the SD pin should never
exceed 14V. If the voltage at the SD pin exceeds 8V, the bias current will increase at a rate of 1 mA/V.
The SD pin can also be used to implement various remote enable / disable functions. Pulling the SD pin below
the 0.7V threshold totally disables the controller. If the SD pin voltage is above 1.225V the regulator will be
operational.
Oscillator and Sync Capability
The LM25575 oscillator frequency is set by a single external resistor connected between the RT pin and the
AGND pin. The RT resistor should be located very close to the device and connected directly to the pins of the IC
(RT and AGND).To set a desired oscillator frequency (F), the necessary value for the RT resistor can be
calculated from the following equation:
(1)
The SYNC pin can be used to synchronize the internal oscillator to an external clock. The external clock must be
of higher frequency than the free-running frequency set by the RT resistor. A clock circuit with an open drain
output is the recommended interface from the external clock to the SYNC pin. The clock pulse duration should
be greater than 15ns.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM25575 LM25575-Q1


Similar Part No. - LM25575MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575MHX TI-LM25575MHX Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575MHX/NOPB TI-LM25575MHX/NOPB Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575MHX/NOPB TI1-LM25575MHX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM25575MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com