Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4274DV50 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4274DV50
Description  Low Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274DV50 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4274DV50 Datasheet HTML 1Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 2Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 3Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 4Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 5Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 6Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 7Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 8Page - Infineon Technologies AG TLE4274DV50 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Type
Package
TLE 4274 V10
PG-TO220-3-1 (RoHS compliant)
TLE 4274 V50
PG-TO220-3-1 (RoHS compliant)
TLE 4274 V85
PG-TO220-3-1 (RoHS compliant)
TLE 4274 DV50
PG-TO252-3-11 (RoHS compliant)
TLE 4274 GV10
PG-TO263-3-1 (RoHS compliant)
TLE 4274 GV50
PG-TO263-3-1 (RoHS compliant)
TLE 4274 GV85
PG-TO263-3-1 (RoHS compliant)
Low Drop Voltage Regulator
TLE 4274
^
P-TO220-3-1
PG-TO220-3-1
P-TO252-3-11
PG-TO252-3-11
P-TO263-3-1
PG-TO263-3-1
Data Sheet
1
Rev. 1.7, 2011-01-20
Features
Output voltage 5 V, 8.5 V or 10 V
Output voltage tolerance
≤ ±4%
Current capability 400 mA
Low-drop voltage
Very low current consumption
Short-circuit proof
Reverse polarity proof
Suitable for use in automotive electronics
Green Product (RoHS compliant) version of TLE 4274
AEC qualified
Functional Description
The TLE 4274 is a low drop voltage regulator available in
a TO220, TO252 and TO263 package. The IC regulates
an input voltage up to 40 V to
V
Qrated = 5.0 V (V50), 8.5 V
(V85) and 10 V (V10). The maximum output current is
400 mA. The IC is short-circuit proof and incorporates
temperature
protection
that
disables
the
IC
at
overtemperature. A 3.3 V and 2.5 V version is also
available. For information about the low output voltage
types please refer to the data sheet TLE 4274 / 3.3 V;
2.5 V.


Similar Part No. - TLE4274DV50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4274DV50 SIEMENS-TLE4274DV50 Datasheet
81Kb / 13P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4274DV50 INFINEON-TLE4274DV50 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4274DV50 INFINEON-TLE4274DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
More results

Similar Description - TLE4274DV50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com