Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS8425 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NDS8425
Description  Single N-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS8425 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NDS8425 Datasheet HTML 1Page - Fairchild Semiconductor NDS8425 Datasheet HTML 2Page - Fairchild Semiconductor NDS8425 Datasheet HTML 3Page - Fairchild Semiconductor NDS8425 Datasheet HTML 4Page - Fairchild Semiconductor NDS8425 Datasheet HTML 5Page - Fairchild Semiconductor NDS8425 Datasheet HTML 6Page - Fairchild Semiconductor NDS8425 Datasheet HTML 7Page - Fairchild Semiconductor NDS8425 Datasheet HTML 8Page - Fairchild Semiconductor NDS8425 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 1996
NDS8425
Single N-Channel Enhancement Mode Field Effect Transistor
General Description
Features
___________________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS T
A = 25°C unless otherwise noted
Symbol
Parameter
NDS8425
Units
V
DSS
Drain-Source Voltage
20
V
V
GSS
Gate-Source Voltage
8
V
I
D
Drain Current - Continuous
(Note 1a)
± 7.4
A
- Pulsed
± 20
P
D
Maximum Power Dissipation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
NDS8425 Rev. C
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild's proprietary, high cell
density, DMOS technology. This very high density process is
especially tailored to minimize on-state resistance and provide
superior switching performance. These devices are particularly
suited for low voltage applications such as notebook computer
power management and other battery powered circuits where
fast switching, low in-line power loss, and resistance to
transients are needed.
7.4 A, 20 V. R
DS(ON) = 0.025
@ V
GS= 4.5 V.
R
DS(ON) = 0.03
@ V
GS= 2.7V.
High density cell design for extremely low R
DS(ON).
High power and current handling capability in a widely used
surface mount package.
1
5
6
7
8
4
3
2
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NDS8425

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NDS8425-NL VBSEMI-NDS8425-NL Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - NDS8425

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06 DIODES-DMN5L06 Datasheet
131Kb / 4P
   SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30614 Rev. 3 - 2
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1310SL CET-MOS-CEM1310SL Datasheet
484Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8410A FAIRCHILD-NDS8410A Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1210 CET-MOS-CEM1210 Datasheet
770Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS9410S FAIRCHILD-NDS9410S Datasheet
329Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com