Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5624IDGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5624IDGK
Description  2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5624IDGK Datasheet(HTML) 1 Page - Texas Instruments

  TLV5624IDGK Datasheet HTML 1Page - Texas Instruments TLV5624IDGK Datasheet HTML 2Page - Texas Instruments TLV5624IDGK Datasheet HTML 3Page - Texas Instruments TLV5624IDGK Datasheet HTML 4Page - Texas Instruments TLV5624IDGK Datasheet HTML 5Page - Texas Instruments TLV5624IDGK Datasheet HTML 6Page - Texas Instruments TLV5624IDGK Datasheet HTML 7Page - Texas Instruments TLV5624IDGK Datasheet HTML 8Page - Texas Instruments TLV5624IDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLV5624
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS235B − JULY 1999 − REVISED APRIL 2004
1
WWW.TI.COM
features
D 8-Bit Voltage Output DAC
D Programmable Internal Reference
D Programmable Settling Time:
1
µs in Fast Mode,
3.5
µs in Slow Mode
D Compatible With TMS320 and SPI Serial
Ports
D Differential Nonlinearity... <0.2 LSB
D Monotonic Over Temperature
applications
D Digital Servo Control Loops
D Digital Offset and Gain Adjustment
D Industrial Process Control
D Machine and Motion Control Devices
D Mass Storage Devices
description
The TLV5624 is a 8-bit voltage output DAC with a flexible 4-wire serial interface. The serial interface allows
glueless interface to TMS320 and SPI
, QSPI, and Microwire serial ports. It is programmed with a 16-bit
serial string containing 4 control and 8 data bits.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The programmable settling
time of the DAC allows the designer to optimize speed vs power dissipation. With its on-chip programmable
precision voltage reference, the TLV5624 simplifies overall system design.
Because of its ability to source up to 1 mA, the reference can also be used as a system reference. Implemented
with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It is available in
an 8-pin SOIC and 8-pin MSOP package to reduce board space in standard commercial and industrial
temperature ranges.
AVAILABLE OPTIONS
PACKAGE
TA
SOIC
(D)
MSOP
(DGK)
0
°C to 70°C
TLV5624CD
TLV5624CDGK
−40
°C to 85°C
TLV5624ID
TLV5624IDGK
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002−2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
DIN
SCLK
CS
FS
VDD
OUT
REF
AGND
D OR DGK PACKAGE
(TOP VIEW)
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.


Similar Part No. - TLV5624IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CD TI-TLV5624CD Datasheet
906Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-VIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624D TI-TLV5624D Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624DGK TI-TLV5624DGK Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624_15 Datasheet
955Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com