Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3106D1VFPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3106D1VFPR
Description  40-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3106D1VFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3106D1VFPR Datasheet HTML 4Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 5Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 6Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 7Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 8Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 9Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 10Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 11Page - Texas Instruments TPA3106D1VFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
100
200
1k
2k
10k
P
=1W
O
P
=5W
O
V
=12V,
R =6
,
L =15 H,
C=2 F,
Gain=20dB
CC
L
W
m
m
f-Frequency-Hz
10
1
0.1
0.01
0.003
20
100
1k
10k 20k
f-Frequency-Hz
V
=24V,
R =8
,
Gain=20dB
CC
L
W
P
=1W
O
P
=10W
O
P
=5W
O
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
100 200
1k
2k
10k
P
=1W
O
P
=5W
O
P
=10W
O
V
=18V,
R =6
,
L =22 H,
C=1 F,
Gain=20dB
CC
L
W
m
m
f-Frequency-Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
100 200
1k
2k
10k
f-Frequency-Hz
V
=12V,
R =4
,
L =15 H,
C=2 F,
Gain=20dB
CC
L
W
m
m
P
=1W
O
P
=5W
O
TPA3106D1
SLOS516C – OCTOBER 2007 – REVISED AUGUST 2010
www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA3106D1


Similar Part No. - TPA3106D1VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3106D1VFPR TI-TPA3106D1VFPR Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3106D1VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3106D1 TI-TPA3106D1 Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com