Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43000PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43000PWR
Description  MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43000PWR Datasheet(HTML) 5 Page - Texas Instruments

  TPS43000PWR Datasheet HTML 1Page - Texas Instruments TPS43000PWR Datasheet HTML 2Page - Texas Instruments TPS43000PWR Datasheet HTML 3Page - Texas Instruments TPS43000PWR Datasheet HTML 4Page - Texas Instruments TPS43000PWR Datasheet HTML 5Page - Texas Instruments TPS43000PWR Datasheet HTML 6Page - Texas Instruments TPS43000PWR Datasheet HTML 7Page - Texas Instruments TPS43000PWR Datasheet HTML 8Page - Texas Instruments TPS43000PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS43000
SLUS489 − OCTOBER 2001
5
www.ti.com
electrical characteristics over recommended operating junction temperature range,
TA = −40_C to 85_C for the TPS43000, RT = 75 kΩ (500 kHz), VIN = VP = 3.5 V, VOUT = 3.1 V, COMP/FB
pins shorted, BUCK-configured, TA = TJ (unless otherwise noted)
PWM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK threshold voltage
BUCK configured if VBUCK > 1 V
0.4
0.7
1.0
V
BUCK pull-down current
BUCK configured if VBUCK > 1 V
0.5
1.0
µA
BUCK maximum duty cycle
VFB = 0 V
100%
BOOST maximum duty cycle
BUCK grounded,
VFB = 0 V
70%
90%
Minimum duty cycle
VFB = 2 V
0%
CCM threshold voltage
Continuous conduction allowed if
0.4
0.7
1.0
V
CCM pull-down current
Continuous conduction allowed if
VCCM > 1 V
0.5
1.0
µA
BUCK rectifier zero current threshold voltage
Measured from SWP to GND
−28
−12
0
mV
BOOST rectifier zero current threshold voltage
Measured from SWP to VOUT,
BUCK grounded
0
14
32
mV
Delay to termination of P-channel gate drive time
Measured at PDRV,
BUCK grounded
200
300
ns
pulsed frequency modulation
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PFM threshold voltage
PFM mode not allowed if PFM > 1 V
0.4
0.7
1.0
V
PFM pull-down current
PFM mode not allowed if PFM > 1 V
0.5
1.0
µA
FB voltage to awaken (exit sleep mode)
768
784
800
mV
Izero pulses required to enter sleep
5
7
9
Start-up delay time after sleep
2
5
µs
low power mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT threshold voltage to enter low power mode
VP = VIN = 5 V
3.45
3.60
3.80
VIN threshold voltage to enter low power mode
VP = VOUT = 5 V,
BUCK grounded (boost configured)
3.45
3.60
3.80
V
Hysteresis voltage to exit low power mode
VOUT < (VTHRESHOLD−VHYST),
VP = VIN = 5 V
225
312
415
Hysteresis voltage to exit low power mode
VIN < (VTHRESHOLD−VHYST),
BUCK grounded,
VP = VOUT = 5 V
225
312
415
mV


Similar Part No. - TPS43000PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
TPS43000 TI-TPS43000 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
More results

Similar Description - TPS43000PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
   High Frequency Programmable Topology Controller
Rev. B, 05-Apr-99
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
   High Frequency Programmable Topology Controller
01-Jan-2022
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
   High Frequency Programmable Topology Controller
Rev. C, 19-Apr-04
logo
Texas Instruments
UCC2975 TI-UCC2975 Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
UCC2975 TI1-UCC2975_15 Datasheet
454Kb / 30P
[Old version datasheet]   MULTI-TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com