Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40061PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40061PWP
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40061PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40061PWP Datasheet HTML 2Page - Texas Instruments TPS40061PWP Datasheet HTML 3Page - Texas Instruments TPS40061PWP Datasheet HTML 4Page - Texas Instruments TPS40061PWP Datasheet HTML 5Page - Texas Instruments TPS40061PWP Datasheet HTML 6Page - Texas Instruments TPS40061PWP Datasheet HTML 7Page - Texas Instruments TPS40061PWP Datasheet HTML 8Page - Texas Instruments TPS40061PWP Datasheet HTML 9Page - Texas Instruments TPS40061PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
1
2
7
+
+
6
Ramp Generator
Clock
Oscillator
14
10
13
12
9
11
15
8
4
5
BP10
BP10
07VREF
7
7
16
3−bit up/down
Fault Counter
7
7
7
07VREF
1V5REF
3V5REF
Reference
Voltages
Fault
Restart
CLK
7
CLK
7
BP5
3
7
BP5
Restart
+
07VREF
7
7
7
Fault
CL
S
Q
Q
R
7
CLK
CL
SW
7
SW
S
Q
Q
R
7
HDRV
LDRV
PGND
BPN10
BP10
VIN
SYNC
RT
KFF
BP5
VFB
SS/SD
COMP
ILIM
SGND
Zero Current Detector
(TPS40060 Only)
10−V Regulator
1V5REF
VIN
7
7 HDRV
7
HDRV
7
BPN10
7
+
0.85 V
+
N-Channel
Driver
P-Channel
Driver
UDG−02160
TPS40060
TPS40061
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
www.ti.com
SIMPLIFIED BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: TPS40060 TPS40061


Similar Part No. - TPS40061PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40061PWP TI-TPS40061PWP Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWP TI1-TPS40061PWP Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPG4 TI1-TPS40061PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPR TI-TPS40061PWPR Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPR TI1-TPS40061PWPR Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40061PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com