Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43000 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43000
Description  MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43000 Datasheet(HTML) 2 Page - Texas Instruments

  TPS43000 Datasheet HTML 1Page - Texas Instruments TPS43000 Datasheet HTML 2Page - Texas Instruments TPS43000 Datasheet HTML 3Page - Texas Instruments TPS43000 Datasheet HTML 4Page - Texas Instruments TPS43000 Datasheet HTML 5Page - Texas Instruments TPS43000 Datasheet HTML 6Page - Texas Instruments TPS43000 Datasheet HTML 7Page - Texas Instruments TPS43000 Datasheet HTML 8Page - Texas Instruments TPS43000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TPS43000
SLUS489 − OCTOBER 2001
2
www.ti.com
description (continued)
The TPS43000 features a selectable two-level current-limit circuit which senses the voltage drop across the
energizing MOSFET. The user can select either pulse-by-pulse current limiting or hiccup mode overcurrent
protection. The TPS43000 also features a low-power (LP) mode (which reduces gate charge losses in the
N-channel MOSFET at high input/output voltages), undervoltage lockout, and soft-start. The TPS43000 is
available in a 16-pin TSSOP (PW) package.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†w
Input voltage
(VIN, VP, VOUT)
−0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(BUCK, CCM, CCS, PFM, SYNC/SD)
−0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . .
(SWN)
−0.3 V to 17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(SWP)
−0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature range, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute- maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to
ground. Currents are positive into, negative out of the specified terminals.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SYNC/SD
CCS
RT
CCM
BUCK
PFM
COMP
FB
SWN
SWP
VP
PDRV
GND
NDRV
VOUT
VIN
PW PACKAGE
(TOP VIEW)
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VIN, VP
9
Input voltage, VOUT
8
V
Input voltage, BUCK, CCM, CCS, PFM, SYNC/SD, SWP
9
V
Input voltage, SWN
17
Operating junction temperature range, TJ §
−40
85
°C
§ t is not recommended that the device operate for extended periods of time under conditions beyond those specified in this table.


Similar Part No. - TPS43000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
TPS43000 TI-TPS43000 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
More results

Similar Description - TPS43000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
   High Frequency Programmable Topology Controller
Rev. B, 05-Apr-99
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
   High Frequency Programmable Topology Controller
01-Jan-2022
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
   High Frequency Programmable Topology Controller
Rev. C, 19-Apr-04
logo
Texas Instruments
UCC2975 TI-UCC2975 Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
UCC2975 TI1-UCC2975_15 Datasheet
454Kb / 30P
[Old version datasheet]   MULTI-TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com