Electronic Components Datasheet Search |
|
TPS43000PWG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
TPS43000PWG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 31 page TPS43000 SLUS489 − OCTOBER 2001 9 www.ti.com APPLICATION INFORMATION general information The TPS43000 is a high-frequency, synchronous PWM controller optimized for distributed power, or battery-powered applications where size and efficiency are of critical importance. It includes high-speed, high-current MOSFET drivers for those applications requiring low RDS(on) external MOSFETs. (See functional block diagram). optimizing efficiency The TPS43000 optimizes efficiency and extends battery life with its low quiescent current and its synchronous rectifier topology. The additional features of low-power (LP) mode and PFM mode maintain high efficiency over a wide range of load current. modes of operation The TPS43000 has four distinct modes of operation: D fixed PWM with discontinuous conduction mode (DCM) possible D fixed PWM with forced continuous conduction mode (CCM) D automatic pulse frequency modulation (PFM) with DCM possible D PFM with forced CCM The device mode is controlled by the CCM and PFM pins. The CCM pin lets the user decide whether to allow DCM by connecting the pin to ground or to force CCM by connecting the pin to VIN. The PFM pin lets the user decide whether to allow automatic PFM by connecting the pin to ground or to force fixed PWM by connecting the pin to VIN. fixed PWM with DCM possible (PFM tied to VIN; CCM tied to ground) In this mode, the device behaves like a standard switching regulator with the addition of a synchronous rectifier. Shortly after the energizing MOSFET turns off, the synchronous rectifier turns on. The synchronous rectifier turns off either when the inductor current goes discontinuous (DCM) or just prior to the start of the next clock cycle (CCM) when the energizing MOSFET turns on. During the small time interval when neither the energizing MOSFET nor the synchronous rectifier are turned on, the synchronous rectifier MOSFET body diode (or an optional small external Schottky diode in parallel) carries the current to the output until it goes discontinuous. The efficiency drops off at light loads as the losses become a larger percentage of the delivered load. |
Similar Part No. - TPS43000PWG4 |
|
Similar Description - TPS43000PWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |