Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2010PWR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2010PWR
Description  POWER-DISTRIBUTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2010PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2010PWR Datasheet HTML 2Page - Texas Instruments TPS2010PWR Datasheet HTML 3Page - Texas Instruments TPS2010PWR Datasheet HTML 4Page - Texas Instruments TPS2010PWR Datasheet HTML 5Page - Texas Instruments TPS2010PWR Datasheet HTML 6Page - Texas Instruments TPS2010PWR Datasheet HTML 7Page - Texas Instruments TPS2010PWR Datasheet HTML 8Page - Texas Instruments TPS2010PWR Datasheet HTML 9Page - Texas Instruments TPS2010PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN) = 5.5 V,
IO = rated current, EN = 0 V (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
TPS2010, TPS2011
TPS2012, TPS2013
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current low level output
EN
VI(IN)
TJ = 25°C
0.015
1
µA
Supply current, low-level output
EN = VI(IN)
–40
°C ≤ TJ ≤ 125°C
10
µA
Supply current high level output
EN =0V
TJ = 25°C
73
100
µA
Supply current, high-level output
EN = 0 V
–40
°C ≤ TJ ≤ 125°C
100
µA
electrical characteristics over recommended operating junction temperature range, VI(IN) = 5.5 V,
IO = rated current, EN = 0 V, TJ = 25°C (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2010Y, TPS2011Y
TPS2012Y, TPS2013Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(IN) = 5.5 V,
75
On state resistance
VI(IN) = 4.5 V,
80
m
On-state resistance
VI(IN) = 3 V,
120
m
VI(IN) = 2.7 V,
140
Output leakage current
EN = VI(IN)
0.001
µA
Output rise time
VI(IN) = 5.5 V,
CL = 1 µF
4
ms
Output rise time
VI(IN) = 2.7 V,
CL = 1 µF
3.8
ms
Output fall time
VI(IN) = 5.5 V,
CL = 1 µF
3.9
ms
Output fall time
VI(IN) = 2.7 V,
CL = 1 µF
3.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
current limit
PARAMETER
TEST CONDITIONS†
TPS2010Y, TPS2011Y
TPS2012Y, TPS2013Y
UNIT
MIN
TYP
MAX
Short-circuit current
VI(IN) = 5.5 V,
OUT connected to GND,
Device enabled into short circuit
0.4
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
supply current
PARAMETER
TEST CONDITIONS
TPS2010Y, TPS2011Y
TPS2012Y, TPS2013Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current, low-level output
EN = VI(IN)
0.015
µA
Supply current, high-level output
EN = 0 V
73
µA


Similar Part No. - TPS2010PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010PW TI-TPS2010PW Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2010PWLE TI1-TPS2010PWLE Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
More results

Similar Description - TPS2010PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
   POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com