Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3578IDWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC3578IDWRG4
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3578IDWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC3578IDWRG4 Datasheet HTML 1Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 2Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 3Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 4Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 5Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 6Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 7Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 8Page - Texas Instruments TLC3578IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
2
WWW.TI.COM
description (continued)
In addition to being a high-speed ADC with versatile control capability, these devices have an on-chip analog
multiplexer (MUX) that can select any analog input or one of three self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK (normal sampling) or can be controlled by a special pin,
CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short sampling (12 SCLKs) or long sampling (44 SCLKs) to accommodate the faster SCLK
operation popular among high-performance signal processors. The TLC3574/78 and TLC2574/78 are
designed to operate with low-power consumption. The power saving feature is further enhanced with
autopower-down mode and programmable conversion speeds. The conversion clock (internal OSC) is built in.
The converter can also use an external SCLK as the conversion clock for maximum flexibility. The TLC3574/78
and TLC2574/78 are specified with bipolar input and a full scale range of
±10 V.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
20-TSSOP
(PW)
20-SOIC
(DW)
20-PDIP
(N)
24-SOIC
(DW)
24-TSSOP
(PW)
−40
°C to 85°C
TLC2574IPW
TLC2574IDW
TLC2574IN
TLC2578IDW
TLC2578IPW
−40
°C to 85°C
TLC3574IPW
TLC3574IDW
TLC3574IN
TLC3578IDW
TLC3578IPW
functional block diagram
Analog
MUX
Signal
Scaling
Command
Decode
CMR (4 MSBs)
SAR
ADC
OSC
Conversion
Clock
FIFO
X8
Control
Logic
4-Bit
Counter
SDO
EOC/INT
DVDD AVDD
DGND AGND
CSTART
FS
CS
SCLK
SDI
CFR
REFM
COMP
REFP
X8†
A0
A1
A2
A3
A4
A5
A6
A7
X4‡
A0
A1
A2
A3
X
X
X
X
† TLC3578, TLC2578
‡ TLC3574, TLC2574
NOTE: 4-Bit counter counts the CLOCK, SCLK. The CLOCK is gated in by CS falling edge if CS initiates the conversion operation cycle, or gated
in by the rising edge of FS if FS initiates the operation cycle. SCLK is disabled for serial interface when CS is high.


Similar Part No. - TLC3578IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3578IDWRG4 TI-TLC3578IDWRG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3578IDWRG4 TI1-TLC3578IDWRG4 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
More results

Similar Description - TLC3578IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com