Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2011DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2011DR
Description  POWER-DISTRIBUTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2011DR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2011DR Datasheet HTML 1Page - Texas Instruments TPS2011DR Datasheet HTML 2Page - Texas Instruments TPS2011DR Datasheet HTML 3Page - Texas Instruments TPS2011DR Datasheet HTML 4Page - Texas Instruments TPS2011DR Datasheet HTML 5Page - Texas Instruments TPS2011DR Datasheet HTML 6Page - Texas Instruments TPS2011DR Datasheet HTML 7Page - Texas Instruments TPS2011DR Datasheet HTML 8Page - Texas Instruments TPS2011DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
81
72
TPS201xY
(2)
(6)
(1)
(3)
(7)
(8)
(5)
(4)
OUT
GND
IN
IN
EN
OUT
OUT
OUT
(2)
(1)
(3)
(4)
(6)
(7)
(8)
(5)
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range, VI(IN) (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.3 V to VI(IN) +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI at EN
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
145 mW
PW
700 mW
5.6 mW/
°C
448 mW
140 mW


Similar Part No. - TPS2011DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2011D TI-TPS2011D Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2011D TI1-TPS2011D Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
More results

Similar Description - TPS2011DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
   POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com