Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61087DSCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61087DSCT
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61087DSCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61087DSCT Datasheet HTML 5Page - Texas Instruments TPS61087DSCT Datasheet HTML 6Page - Texas Instruments TPS61087DSCT Datasheet HTML 7Page - Texas Instruments TPS61087DSCT Datasheet HTML 8Page - Texas Instruments TPS61087DSCT Datasheet HTML 9Page - Texas Instruments TPS61087DSCT Datasheet HTML 10Page - Texas Instruments TPS61087DSCT Datasheet HTML 11Page - Texas Instruments TPS61087DSCT Datasheet HTML 12Page - Texas Instruments TPS61087DSCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
IN
L
S
V
D
I
f
L
×
D
=
×
D
I
I
I
out
L
swpeak
-
+
D
=
1
2
(
)
(max)
(min)
1
2
L
out
LIM
I
I
I
D
D
æ
ö
=
-
× -
ç
÷
è
ø
1
IN
S
V
D
V
h
×
=
-
TPS61087
www.ti.com
SLVS821C – MAY 2008 – REVISED JULY 2013
Design Procedure
The first step in the design procedure is to verify that the maximum possible output current of the boost converter
supports the specific application requirements. A simple approach is to estimate the converter efficiency, by
taking the efficiency numbers from the provided efficiency curves or to use a worst case assumption for the
expected efficiency, e.g. 90%.
1. Duty cycle, D:
(1)
2. Maximum output current, Iout(max) :
(2)
3. Peak switch current in application, Iswpeak :
(3)
with the inductor peak-to-peak ripple current, ΔIL
(4)
and
VIN
Minimum input voltage
VS
Output voltage
ILIM(min)
Converter switch current limit (minimum switch current limit = 3.2 A)
fS
Converter switching frequency (typically 1.2 MHz or 650 kHz)
L
Selected inductor value
η
Estimated converter efficiency (please use the number from the efficiency plots or 90% as an estimation)
The peak switch current is the steady state peak switch current that the integrated switch, inductor and external
Schottky diode has to be able to handle. The calculation must be done for the minimum input voltage where the
peak switch current is the highest.
Soft-start
The boost converter has an adjustable soft-start to prevent high inrush current during start-up. To minimize the
inrush current during start-up an external capacitor, connected to the soft-start pin SS and charged with a
constant current, is used to slowly ramp up the internal current limit of the boost converter. When the EN pin is
pulled high, the soft-start capacitor CSS is immediately charged to 0.3 V. The capacitor is then charged at a
constant current of 10
μA typically until the output of the boost converter VS has reached its Power Good
threshold (roughly 98% of VS nominal value). During this time, the SS voltage directly controls the peak inductor
current, starting with 0 A at VSS = 0.3 V up to the full current limit at VSS = 800 mV. The maximum load current is
available after the soft-start is completed. The larger the capacitor the slower the ramp of the current limit and the
longer the soft-start time. A 100 nF capacitor is usually sufficient for most of the applications. When the EN pin is
pulled low, the soft-start capacitor is discharged to ground.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61087


Similar Part No. - TPS61087DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087DRC TI-TPS61087DRC Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
More results

Similar Description - TPS61087DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087 TI-TPS61087_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS61087 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087-Q1 TI1-TPS61087-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com