Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9517DP118 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9517DP118
Description  Level translating I2C-bus repeater
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9517DP118 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9517DP118 Datasheet HTML 7Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 8Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 9Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 10Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 11Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 12Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 13Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 14Page - NXP Semiconductors PCA9517DP118 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PCA9517_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 30 January 2007
11 of 19
NXP Semiconductors
PCA9517
Level translating I2C-bus repeater
10.1 AC waveforms
11. Test information
Fig 10. Propagation delay and transition times;
B-side to A-side
Fig 11. Propagation delay and transition times;
A-side to B-side
Fig 12. Propagation delay
002aac207
3.0 V
1.2 V
tPLH
tt(HL)
1.5 V
1.5 V
input
output
20 %
0.6 V
0.6 V
80 %
20 %
80 %
tPHL
tt(LH)
VOL
0.1 V
002aac208
VCCA
3.0 V
tPLH
tt(HL)
0.3VCCA
0.3VCCA
input
output
20 %
1.5 V
1.5 V
80 %
20 %
80 %
tPHL
tt(LH)
0.5 V
input
SDAB, SCLB
output
SCLA, SDAA
tPLH
50 % if VCCA is less than 2 V
1.5 V if VCCA is greater than 2 V
002aac209
RL = load resistor; 1.35 kΩ on B-side; 167 Ω on A-side (0.9 V to 2.7 V) and 450 Ω on A-side
(3.0 V to 5.5 V).
CL = load capacitance includes jig and probe capacitance; 57 pF
RT = termination resistance should be equal to Zo of pulse generators
Fig 13. Test circuit for open-drain outputs
PULSE
GENERATOR
VO
CL
RL
002aab649
RT
VI
VCC(B)
VCC(B)
DUT
VCC(A)


Similar Part No. - PCA9517DP118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517DP PHILIPS-PCA9517DP Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
PCA9517DP NXP-PCA9517DP Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
More results

Similar Description - PCA9517DP118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com