Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC972FDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89LPC972FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC972FDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89LPC972FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC972FDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
10 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.
Functional description
Remark: Please refer to the P89LPC970/971/972 User manual for a more detailed
functional description.
7.1 Special function registers
Remark: SFR accesses are restricted in the following ways:
User must not attempt to access any SFR locations not defined.
Accesses to any defined SFR locations must be strictly for the functions for the SFRs.
SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows:
– ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value
when read (even if it was written with ‘0’). It is a reserved bit and may be used in
future derivatives.
– ‘0’ must be written with ‘0’, and will return a ‘0’ when read.
– ‘1’ must be written with ‘1’, and will return a ‘1’ when read.


Similar Part No. - P89LPC972FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC972FDH NXP-P89LPC972FDH Datasheet
459Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 02-27 April 2010
More results

Similar Description - P89LPC972FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC970 NXP-P89LPC970 Datasheet
459Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 02-27 April 2010
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC980 NXP-P89LPC980 Datasheet
560Kb / 85P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
Rev. 02-8 February 2010
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC933 PHILIPS-P89LPC933 Datasheet
372Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
Rev. 06-20 June 2005
P89LPC952 NXP-P89LPC952 Datasheet
339Kb / 69P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 04-24 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com