Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5822-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N5822-TP
Description  3 Amp Schottky Barrier Rectifier 20 - 40 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5822-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  1N5822-TP Datasheet HTML 1Page - Micro Commercial Components 1N5822-TP Datasheet HTML 2Page - Micro Commercial Components 1N5822-TP Datasheet HTML 3Page - Micro Commercial Components 1N5822-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5820 thru 1N5822
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.2
.4
.6
.8
1.0
1.2
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
1000
pF
Volts
600
400
40
400
1000
TJ=25
°C
1N5820
1N5821
1N5822
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - 1N5822-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5822-T DIODES-1N5822-T Datasheet
61Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
1N5822-T DIODES-1N5822-T Datasheet
56Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 9 - 2
logo
Won-Top Electronics
1N5822-T3 WTE-1N5822-T3 Datasheet
36Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
1N5822-T3 WTE-1N5822-T3 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
1N5822-TB WTE-1N5822-TB Datasheet
36Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1N5822-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR302 MCC-SR302 Datasheet
430Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820 YFWDIODE-1N5820 Datasheet
119Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_13 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820-DO27 YFWDIODE-1N5820-DO27 Datasheet
457Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_11 Datasheet
483Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
1N5820 MCC-1N5820 Datasheet
46Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
5820SM MCC-5820SM Datasheet
328Kb / 3P
   3 Amp Schottky Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com