Electronic Components Datasheet Search |
|
DBCIDCC414AG1 Datasheet(PDF) 1 Page - Dubilier |
|
DBCIDCC414AG1 Datasheet(HTML) 1 Page - Dubilier |
1 / 3 page 322 Material & Finish Contact Material: Brass Insulator Material: PBT & Glass-Fibre Reinforced UL-94V-0 Current Rating: 2 A DC Contact Resistance: 30M Ω Max Insulator Resistance: 3000M Ω Min Dielectric Withstanding Voltage: 500V AC for One Minute Operating Temperature: -40°C to + 105°C IDC IDC BOX HEADER STRAIGHT SPECIFICATION OUTLINE DRAWING ORDERING INFORMATION Industry compatible Competitively priced Gold plated contacts 1.27mm pitch 2.54mm row spacing A B C 4.4 2.54 0.64 9.1 9.1 2.54 3.2 A B C 4.4 2.54 0.64 9.1 9.1 2.54 3.2 DBC IDC C3 10 Dubilier Connectors IDC Connector Series Contact Plating G= Gold Flash Colour 1=Black 08=8way 10=10way 12=12way 14=14way 16=16way 20=20way 24=24way 26=26way 30=30way 34=34way 40=40way 44=44way 50=50way 60=60way 64=64way Contact Material A=Brass A G 1 Nº of Ways Position A B C 10 20.30 18.10 10.16 14 25.38 23.18 15.24 16 27.92 25.72 17.78 20 33.00 30.80 22.86 24 38.08 35.88 27.94 26 40.62 38.42 30.48 30 45.70 43.50 35.56 34 50.78 48.58 40.64 40 58.40 56.20 48.26 44 63.48 61.28 53.34 48 68.56 66.36 58.42 50 71.10 68.90 60.96 60 83.80 81.60 73.66 64 88.88 86.88 78.74 www.dubilier.co.uk |
Similar Part No. - DBCIDCC414AG1 |
|
Similar Description - DBCIDCC414AG1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |