Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SMAJ5927B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 3SMAJ5927B
Description  3.0 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

3SMAJ5927B Datasheet(HTML) 2 Page - Micro Commercial Components

  3SMAJ5927B Datasheet HTML 1Page - Micro Commercial Components 3SMAJ5927B Datasheet HTML 2Page - Micro Commercial Components 3SMAJ5927B Datasheet HTML 3Page - Micro Commercial Components 3SMAJ5927B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TL=30C unless otherwise noted) (VF=1.5Volts Max @ IF=200mAdc for all types.)
MCC
Note 1: TOLERANCE AND VOLTAGE DESIGNATION - The type numbers listed indicate a
tolerance of +/- 5%.
RATING AND CHARACTERISTICS CURVES
2.5
2
1.5
1
0.5
0
20
40
60
80
100 120 140
150 180
TL, LEAD TEMPERATURE (C )
8
6
4
2
0
-2
-4
3
4
6
8
10
12
VZ@IZT
VZ, ZENER VOLTAGE (VOLTS)
Fig. 1-STEADY STATE POWER DERATING
Fig. 2-ZENER VOLTAGE-
3 TO 12 VOLTS
3
TM
Micro Commercial Components
ZENER
VOLTA
GE
VZ (1)
TEST
CURRE
NT
IZT
MAXIMU
M
DYNAMIC
IMPEDAN
CE ZZT @
IZT
KNEE
CURRE
NT
IZK
KNEE
IMPEDAN
CE ZZK
MAXIMUM
REVERSE
CURRENT
IR
REVER
SE
VOLTA
GE
VR
Maximum
DC Zener
Current
IZM mAdc
MCC
PART
NUMBER
VOLTS
mA
OHMS
mA
OHMS
µA
VOLTS
mA
DEVICE MARKING
3SMAJ5913B
3.3
113.6
10.0
1.0
500
100
1.0
908
H 13B
3SMAJ5914B
3.6
104.2
9.0
1.0
500
75
1.0
832
H 14B
3SMAJ5915B
3.9
96.1
7.5
1.0
500
25
1.0
768
H 15B
3SMAJ5916B
4.3
87.2
6.0
1.0
500
5.0
1.0
696
H 16B
3SMAJ5917B
4.7
79.8
5.0
1.0
500
5.0
1.5
638
H 17B
3SMAJ5918B
5.1
73.5
4.0
1.0
350
5.0
2.0
588
H 18B
3SMAJ5919B
5.6
66.9
2.0
1.0
250
5.0
3.0
534
H 19B
3SMAJ5920B
6.2
60.5
2.0
1.0
200
5.0
4.0
482
H 20B
3SMAJ5921B
6.8
55.1
2.5
1.0
200
5.0
5.2
440
H 21B
3SMAJ5922B
7.5
50.0
3.0
0.5
400
5.0
6.0
400
H 22B
3SMAJ5923B
8.2
45.7
3.5
0.5
400
5.0
6.5
364
H 23B
3SMAJ5924B
9.1
41.2
4.0
0.5
500
5.0
7.0
328
H 24B
3SMAJ5925B
10
37.5
4.5
0.25
500
5.0
8.0
300
H 25B
3SMAJ5926B
11
34.1
5.5
0.25
550
1.0
8.4
272
H 26B
3SMAJ5927B
12
31.2
6.5
0.25
550
1.0
9.1
250
H 27B
3SMAJ5928B
13
28.8
7.0
0.25
550
1.0
9.9
230
H 28B
3SMAJ5929B
15
25.0
9.0
0.25
600
1.0
11.4
200
H 29B
3SMAJ5930B
16
23.4
10.0
0.25
600
1.0
12.2
186
H 30B
3SMAJ5931B
18
20.8
12.0
0.25
650
1.0
13.7
166
H 31B
3SMAJ5932B
20
18.7
14.0
0.25
650
1.0
15.2
150
H 32B
3SMAJ5933B
22
17.0
17.5
0.25
650
1.0
16.7
136
H 33B
3SMAJ5934B
24
15.6
19.0
0.25
700
1.0
18.2
124
H 34B
3SMAJ5935B
27
13.9
23.0
0.25
700
1.0
20.6
110
H 35B
3SMAJ5936B
30
12.5
28.0
0.25
750
1.0
22.8
100
H 36B
3SMAJ5937B
33
11.4
33.0
0.25
800
1.0
25.1
90
H 37B
3SMAJ5938B
36
10.4
38.0
0.25
850
1.0
27.4
82
H 38B
3SMAJ5939B
39
9.6
45.0
0.25
900
1.0
29.7
76
H 39B
3SMAJ5940B
43
8.7
53.0
0.25
950
1.0
32.7
68
H 40B
3SMAJ5941B
47
8.0
67.0
0.25
1000
1.0
35.8
62
H 41B
3SMAJ5942B
51
7.3
70.0
0.25
1100
1.0
38.8
58
H 42B
3SMAJ5943B
56
6.7
86.0
0.25
1300
1.0
42.6
52
H 43B
3SMAJ5913B thru 3SMAJ5943B
2 of 4
www.mccsemi.com
Revision: A
2011/01/01


Similar Part No. - 3SMAJ5927B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3SMAJ5927B MCC-3SMAJ5927B Datasheet
128Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5927B MCC-3SMAJ5927B Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes Surface Mount Application
3SMAJ5927B MCC-3SMAJ5927B Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes Glass Passivated Junction
3SMAJ5927B MCC-3SMAJ5927B Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - 3SMAJ5927B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5956B-TP MCC-3SMAJ5956B-TP Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B Datasheet
128Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5925BHE3 MCC-3SMAJ5925BHE3 Datasheet
224Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5925BHE3 MCC-3SMBJ5925BHE3 Datasheet
328Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com