Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EZ33D5 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 3EZ33D5
Description  3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

3EZ33D5 Datasheet(HTML) 1 Page - Micro Commercial Components

  3EZ33D5 Datasheet HTML 1Page - Micro Commercial Components 3EZ33D5 Datasheet HTML 2Page - Micro Commercial Components 3EZ33D5 Datasheet HTML 3Page - Micro Commercial Components 3EZ33D5 Datasheet HTML 4Page - Micro Commercial Components 3EZ33D5 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Low Profile Package
Glass Passivated Junction
Excellent Clamping Capability
Mechanical Data
WEIGHT: 0.015 ounce, 0.04 gram
3EZ5.1D5
THRU
3EZ75D5
3 W Glass Passivated
Junction Silicon
Zener Diode
DO-15
MIN
M A X
MIN
M A X
A
0.230
0.300
5.80
7.60
B
0.104
0.140
2.60
3.60
C
0.02 6
0.034
0 . 7 0
0 . 8 6
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
M M
NOTE
A
B
C
D
D
Cathode
Mark
5.1-75 Volts
Lead Free Finish/RoHS Compliant(Note C)("P" Suffix
Maximum Ratings @ 25
oC Unless Otherwise Specified
3
Watts
Derate above 75 C
24
mW/ C
Peak Forward Surge
Current 8.3ms single
Operating And
Storage
Temperature Range
TJ,TSTG
-55
oC to
+150
oC
o
Peak Pulse Power
Dissipation (Note A)
o
half sine-wave
superimposed on rated
load (JEDEC Method)
(Note B)
IFSM
15
Amps
PD
NOTES:
A. Mounted on 5.0mm
2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent
square wave, duty cycle = 4 pulses per minute maximum.
Revision: B
2013/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Marking : Cathode band and type number
www.mccsemi.com
1 of 5
Designates Compliant. See Ordering Information)
C.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - 3EZ33D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ33D5 EIC-3EZ33D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
SEC Electronics Inc.
3EZ33D5 SECELECTRONICS-3EZ33D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
Microsemi Corporation
3EZ33D5 MICROSEMI-3EZ33D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
logo
SeCoS Halbleitertechnol...
3EZ33D5 SECOS-3EZ33D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
Jinan Gude Electronic D...
3EZ33D5 JGD-3EZ33D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
More results

Similar Description - 3EZ33D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com