Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS8858H Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NDS8858H
Description  Complementry MOSFET Half Bridge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS8858H Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NDS8858H Datasheet HTML 1Page - Fairchild Semiconductor NDS8858H Datasheet HTML 2Page - Fairchild Semiconductor NDS8858H Datasheet HTML 3Page - Fairchild Semiconductor NDS8858H Datasheet HTML 4Page - Fairchild Semiconductor NDS8858H Datasheet HTML 5Page - Fairchild Semiconductor NDS8858H Datasheet HTML 6Page - Fairchild Semiconductor NDS8858H Datasheet HTML 7Page - Fairchild Semiconductor NDS8858H Datasheet HTML 8Page - Fairchild Semiconductor NDS8858H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NDS8858H Rev. C
0
5
10
15
20
25
0.5
0.75
1
1.25
1.5
1.75
2
I
, DRAIN CURRENT (A)
D
V
= 10V
GS
T = 125°C
J
25°C
-55°C
-20
-16
-12
-8
-4
0
0.5
1
1.5
2
I
, DRAIN CURRENT (A)
D
V
= -10V
GS
T = 125°C
J
25°C
-55°C
-6
-5
-4
-3
-2
-1
-20
-15
-10
-5
0
V
, GATE TO SOURCE VOLTAGE (V)
V
= -10V
DS
GS
T
= -55°C
J
25°C
125°C
1
2
3
4
5
6
0
5
10
15
20
25
V
, GATE TO SOURCE VOLTAGE (V)
V
= 10V
DS
GS
T = -55°C
J
25°C
125°C
Figure 7. N-Channel On-Resistance Variation
with Drain Current and Temperature.
Figure 8. P-Channel On-Resistance Variation
with Drain Current and Temperature
.
Figure 9. N-Channel Transfer
Characteristics.
Figure 10. P-Channel Transfer
Characteristics.
Typical Electrical Characteristics
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
J
I = 250µA
D
V
= V
DS
GS
Figure 11. N-Channel Gate Threshold Variation
with Temperature.
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
I
= -250µA
D
V
= V
DS
GS
J
Figure 12. P-Channel Gate Threshold Variation
with Temperature.


Similar Part No. - NDS8858H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
   Complementary MOSFET Half Bridge
More results

Similar Description - NDS8858H

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
logo
Fairchild Semiconductor
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
   Complementary MOSFET Half Bridge
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
   Complementary MOSFET Half Bridge
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
   Half-Bridge MOSFET Driver
logo
Allegro MicroSystems
3946 ALLEGRO-3946 Datasheet
459Kb / 14P
   Half-Bridge Power MOSFET Controller
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
   28V Half-Bridge MOSFET Driver
06/23/16
logo
Allegro MicroSystems
3946 ALLEGRO-3946_04 Datasheet
313Kb / 13P
   Half-Bridge Power MOSFET Controller
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Guangdong Kexin Industr...
KDS4501H KEXIN-KDS4501H Datasheet
77Kb / 3P
   Complementary PowerTrench Half-Bridge MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com