Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603CT-11NX_L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603CT-11NX_L
Description  Chip Inductors ??0603CT (1608)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603CT-11NX_L Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603CT-11NX_L Datasheet HTML 1Page - Coilcraft lnc. 0603CT-11NX_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ChipInductors–0603CT(1608)
Document 485-1
SRF
DCR
Inductance2
Percent
900 MHz
1.7 GHz
typ5
max6
Irms7
Part number1
(nH)
tolerance3
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0603CT-1N0XJL_
1.0
5
0.98
39
0.99
58
16.0
0.045
1600
0603CT-1N2XJL_
1.2
5
1.18
35
1.19
50
16.0
0.105
1100
0603CT-2N0XJL_
2.0
5
1.98
46
1.98
70
12.0
0.034
1900
0603CT-2N2XJL_
2.2
5
2.10
50
2.13
74
10.7
0.046
1600
0603CT-2N3XJL_
2.3
5
2.27
55
2.28
81
11.0
0.046
1600
0603CT-2N5XJL_
2.5
5
2.48
52
2.50
77
11.0
0.060
1300
0603CT-3N0X_L_
3.0
5,2
2.96
57
2.97
82
10.7
0.039
1600
0603CT-3N3X_L_
3.3
5,2
3.27
60
3.33
83
7.00
0.039
1600
0603CT-3N6X_L_
3.6
5,2
3.58
69
3.63
95
7.00
0.044
1600
0603CT-3N9X_L_
3.9
5,2
3.87
68
3.95
90
6.30
0.050
1400
0603CT-4N3X_L_
4.3
5,2
4.26
58
4.34
84
6.30
0.076
1300
0603CT-4N7X_L_
4.7
5,2
4.66
50
4.75
70
5.60
0.120
960
0603CT-5N1X_L_
5.1
5,2
5.12
68
5.18
93
5.50
0.050
1400
0603CT-5N6X_L_
5.6
5,2
5.60
67
5.73
90
5.05
0.058
1300
0603CT-6N8X_L_
6.8
5,2
6.78
60
7.00
81
4.50
0.080
1200
0603CT-7N2X_L_
7.2
5,2
7.19
65
7.44
88
4.50
0.047
1500
0603CT-8N2X_L_
8.2
5,2
8.18
60
8.46
78
4.25
0.075
1300
0603CT-9N5X_L_
9.5
5,2
9.52
63
9.92
80
3.95
0.092
1100
0603CT-10NX_L_
10
5,2
10.0
67
10.4
85
3.95
0.075
1300
0603CT-11NX_L_
11
5,2
11.0
66
11.5
86
4.00
0.110
1000
0603CT-12NX_L_
12
5,2
12.0
68
12.7
85
3.50
0.130
920
0603CT-15NX_L_
15
5,2
15.2
65
16.1
80
3.30
0.145
800
0603CT-16NX_L_
16
5,2
16.3
63
17.5
76
3.10
0.175
760
0603CT-18NX_L_
18
5,2
18.1
66
19.2
80
2.95
0.200
720
0603CT-20NX_L_
20
5,2
20.2
67
21.6
80
2.90
0.175
760
0603CT-22NX_L_
22
5,2
22.4
60
24.3
70
2.75
0.220
700
0603CT-24NX_L_
24
5,2
24.4
61
26.5
72
2.70
0.240
680
0603CT-27NX_L_
27
5,2
27.4
62
29.8
75
2.55
0.270
670
0603CT-30NX_L_
30
5,2
30.5
62
33.9
73
2.45
0.330
600
0603CT-33NX_L_
33
5,2
34.0
55
39.1
61
2.20
0.330
600
0603CT-36NX_L_
36
5,2
37.2
61
42.3
63
2.30
0.335
600
0603CT-39NX_L_
39
5,2
40.3
60
45.3
65
2.25
0.400
570
0603CT-43NX_L_
43
5,2
44.5
57
51.3
60
2.10
0.440
530
0603CT-47NX_L_
47
5,2
48.2
55
57.8
57
1.90
0.540
470
0603CT-51NX_L_
51
5,2
53.0
55
63.2
55
1.85
0.570
440
0603CT-56NX_L_
56
5,2
59.4
54
75.4
48
1.75
0.700
420
1. When ordering, specify
tolerance, termination and packaging codes:
0603CT-56NXGLW
Tolerance:
G = 2% J = 5% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: W = 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter W instead.
2. Inductance measured at 250 MHz, 0.1 Vrms, 0 Adc using Coilcraft SMD-
A fixture in Agilent/HP 4287A impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using Agilent/HP4291A with Agilent/HP 16193 test fixture.
5. SRF measured using Agilent/HP 8722ES network analyzer and Coilcraft
SMD-D test fixture.
6. DCR measured on Cambridge Technology micro-ohmmeter and Coil-
craft CCF858 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Verylowprofile–only60%oftheheightofourother0603
inductor series
• ExcellentQ,lowDCRandveryhighSRF
Designer’s Kit C423 contains 10 each of all stocked 5%
values and
Designer’s Kit C423-2 contains 10 each of
all 2% values.
Document 485-1 Revised 02/19/13


Similar Part No. - 0603CT-11NX_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CT-11NXGLU COILCRAFT-0603CT-11NXGLU Datasheet
149Kb / 2P
   Chip Inductors ??0603CT (1608)
0603CT-11NXJLU COILCRAFT-0603CT-11NXJLU Datasheet
218Kb / 1P
   Kit Contents 0603CT Low Profile Chip Inductors 35 values, 10 of each
0603CT-11NX_L COILCRAFT-0603CT-11NX_L Datasheet
204Kb / 2P
   Chip Inductors
More results

Similar Description - 0603CT-11NX_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CT-7N2XGLU COILCRAFT-0603CT-7N2XGLU Datasheet
149Kb / 2P
   Chip Inductors ??0603CT (1608)
0603LS-472XJLB COILCRAFT-0603LS-472XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-681XJBC COILCRAFT-0603LS-681XJBC Datasheet
97Kb / 2P
   Chip Inductors ??0603LS (1608)
0603CS-3N6XJLW COILCRAFT-0603CS-3N6XJLW Datasheet
101Kb / 2P
   Chip Inductors ??0603CS (1608)
0603CS-82NXJLU COILCRAFT-0603CS-82NXJLU Datasheet
146Kb / 2P
   Chip Inductors ??0603CS (1608)
0603CS-3N3XGLW COILCRAFT-0603CS-3N3XGLW Datasheet
101Kb / 2P
   Chip Inductors - 0603CS (1608)
0603CS-47NXGLU COILCRAFT-0603CS-47NXGLU Datasheet
146Kb / 2P
   Chip Inductors ??0603CS (1608)
0603LS-331XJLB COILCRAFT-0603LS-331XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-332XJLB COILCRAFT-0603LS-332XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603HC-7N5XJLW COILCRAFT-0603HC-7N5XJLW Datasheet
104Kb / 2P
   Chip Inductors - 0603HC (1608)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com