Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3314-103MLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3314-103MLC
Description  SMT Power Inductors - DO3314
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3314-103MLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3314-103MLC Datasheet HTML 1Page - Coilcraft lnc. DO3314-103MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors - DO3314 Series
Document 295-2
Document 295-2 Revised 10/08/08
Typical L vs Frequency
Typical L vs Current
0.1
1
10
100
0.01
0.1
110
Current (A)
1.0 µH
10.0 µH
33 µH
3.3 µH
0.1
1
10
100
0.01
0.1
10
1
Frequency (MHz)
10 µH
33 µH
3.3 µH
1µH
Irms Derating
0.130 ±0.008
3,3 ±0,2
0.130 ±0.008
3,3 ±0,2
0.055
1,4
max
Recommended
Land Pattern
0.040 ±0.005
1,02 ±0,127
0.024
0,61
0.148
3,76
0.050
1,27
0.025
0,64
0.049
1,24
0.148
3,76
Dash number
Internal code
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm


Similar Part No. - DO3314-103MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3314-103MLC COILCRAFT-DO3314-103MLC Datasheet
116Kb / 2P
   SMT Power Inductors - DO3314
DO3314-103MLC COILCRAFT-DO3314-103MLC Datasheet
116Kb / 2P
   SMT Power Inductors - DO3314
More results

Similar Description - DO3314-103MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3314-102MLC COILCRAFT-DO3314-102MLC Datasheet
147Kb / 2P
   SMT Power Inductors - DO3314
DO3314 COILCRAFT-DO3314_13 Datasheet
116Kb / 2P
   SMT Power Inductors - DO3314
DO3314-222MLC COILCRAFT-DO3314-222MLC Datasheet
116Kb / 2P
   SMT Power Inductors - DO3314
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com