Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3308P-154L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3308P-154L
Description  SMT Power Inductors ??DO3308P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3308P-154L Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3308P-154L Datasheet HTML 1Page - Coilcraft lnc. DO3308P-154L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors –DO3308P Series
Document 170-2
Document 170-2 Revised 05/03/13
1
10
100
1000
10000
0.01
0.1
110
Frequency (MHz)
10 µH
100 µH
1000 µH
0.01
0.1
110
Current (A)
1
10
100
1000
10000
100 µH
10 µH
1000 µH
TypicalLvsFrequency
TypicalLvsCurrent
0.510
12,95
max
0.370
9,40
max
0.100
2,54
0.100
2,54
0.300
7,62
0.145
3,69
0.115
2,92
Start
Finish
0.405
10,29
0.110
2,79
Recommended
Land Pattern
0.118
3,00
max
0.330
8,38 dia
Internal code
Dash number
*
*
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm
for color dot marking details.
Allowan additional 0.01/0,254
in length and 0.005/0,127 in
height for optional
tin-silver-copper application.
tin-lead and
*
IrmsDerating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm


Similar Part No. - DO3308P-154L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3308P-154KLB COILCRAFT-DO3308P-154KLB Datasheet
295Kb / 2P
   SMT Power Inductors - DO3308P
DO3308P-154KLB COILCRAFT-DO3308P-154KLB Datasheet
295Kb / 2P
   SMT Power Inductors - DO3308P
DO3308P-154KLD COILCRAFT-DO3308P-154KLD Datasheet
295Kb / 2P
   SMT Power Inductors - DO3308P
DO3308P-154ML COILCRAFT-DO3308P-154ML Datasheet
216Kb / 2P
   SMT Power Inductors
DO3308P-154ML COILCRAFT-DO3308P-154ML Datasheet
513Kb / 2P
   SMT Power Inductors ??DO3308P
More results

Similar Description - DO3308P-154L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3308P-153MLD COILCRAFT-DO3308P-153MLD Datasheet
295Kb / 2P
   SMT Power Inductors - DO3308P
DO3308P COILCRAFT-DO3308P_15 Datasheet
513Kb / 2P
   SMT Power Inductors ??DO3308P
DO3308P-104MLD COILCRAFT-DO3308P-104MLD Datasheet
295Kb / 2P
   SMT Power Inductors - DO3308P
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com