Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008LS-333XJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008LS-333XJL
Description  Chip Inductors -1008LS (2520)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008LS-333XJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008LS-333XJL Datasheet HTML 1Page - Coilcraft lnc. 1008LS-333XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
1008LS Series (2520)
Document 103-2
Document 103-2 Revised 01/21/13
Typical Q vs Frequency
Typical L vs Frequency
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27 mm
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.010/0,25 both ends
Recommended
Land Pattern
Pick and
place
material
1
10
100
1000
110
1000
100
Frequency (MHz)
1.8 µH
6.8 µH
33 µH
10 µH
68 µH
0
10
20
30
40
50
110
100
Frequency (MHz)
1.8 µH
6.8 µH
33 µH
10 µH
68 µH
Note: Height dimension is before optional solder application. For maximum height
dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 1008LS-333XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS-333XJL COILCRAFT-1008LS-333XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-333XJL COILCRAFT-1008LS-333XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-333XJL COILCRAFT-1008LS-333XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-333XJLB COILCRAFT-1008LS-333XJLB Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-333XJLB COILCRAFT-1008LS-333XJLB Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
More results

Similar Description - 1008LS-333XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS-473XJLB COILCRAFT-1008LS-473XJLB Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-103XJLC COILCRAFT-1008LS-103XJLC Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-393XJLB COILCRAFT-1008LS-393XJLB Datasheet
100Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-182XJLB COILCRAFT-1008LS-182XJLB Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-472XJBC COILCRAFT-1008LS-472XJBC Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-152XKBC COILCRAFT-1008LS-152XKBC Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008HS-391TJLC COILCRAFT-1008HS-391TJLC Datasheet
88Kb / 2P
   Chip Inductors - 1008HS (2520)
1008HQ-39NXGLC COILCRAFT-1008HQ-39NXGLC Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HS-102TGLC COILCRAFT-1008HS-102TGLC Datasheet
126Kb / 2P
   Chip Inductors ??1008HS (2520)
1008CT-900XGLC COILCRAFT-1008CT-900XGLC Datasheet
99Kb / 2P
   Chip Inductors ??1008CT (2520)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com