Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C24S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BZT52C24S
Description  200 mW Zener Diode 2.4 to 39 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52C24S Datasheet(HTML) 1 Page - Micro Commercial Components

  BZT52C24S Datasheet HTML 1Page - Micro Commercial Components BZT52C24S Datasheet HTML 2Page - Micro Commercial Components BZT52C24S Datasheet HTML 3Page - Micro Commercial Components BZT52C24S Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
* Device mounted on ceramic PCB: 7.6mm x 9.4mm x 0.87mm with
pad areas 25 mm
2
THRU
BZT52C39S
200 mW
Zener Diode
2.4 to 39 Volts
Features
Planar Die Construction
200mW Power Dissipation on Ceramic PCB
General Purpose Medium Current
Ideally Suited for Automated Assembly Processes
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
PD
Power dissipation
200
mW
TJ
Junction Temperature
-65 to +150
TSTG
Storage Temperature Range
-65 to +150
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
RthJA
Thermal Resistance Junction to
Ambient*
625
/W
Electrical Characteristics
Symbol
Parameter
Rating
Unit
VF
Maximum Forward Voltage
(IF=10mAdc)
0.9
V
BZT52C2V4S
www.mccsemi.com
MCC
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
TM
Micro Commercial Components
1 of 3
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
A
20
11/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
SOD
-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - BZT52C24S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C24S DIODES-BZT52C24S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Shenzhen Yixinwei Techn...
BZT52C24S YIXIN-BZT52C24S Datasheet
260Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Microdiode Electronics ...
BZT52C24S CHENDA-BZT52C24S Datasheet
111Kb / 4P
   ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C24S SMC-BZT52C24S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZT52C24S MCC-BZT52C24S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - BZT52C24S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com