Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1560G Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # MUR1560G
Description  ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1560G Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  MUR1560G Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MUR1510, MUR1515, MUR1520, MUR1540, MUR1560
http://kersemi.com
6
0.01
0.02
0.05
0.1
0.2
0.5
1.0
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1000
t, TIME (ms)
Figure 16. Thermal Response
D = 0.5
0.05
SINGLE PULSE
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
ZqJC(t) = r(t) RqJC
RqJC = 1.5°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT T1
TJ(pk) − TC = P(pk) ZqJC(t)
1000
10
20
50
10
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 17. Typical Capacitance
0.1
0.01
100
200
500
1.0
2.0
5.0
20
50
TJ = 25°C
ORDERING INFORMATION
Device
Package
Shipping
MUR1510
TO−220
50 Units / Rail
MUR1510G
TO−220
(Pb−Free)
MUR1515
TO−220
MUR1515G
TO−220
(Pb−Free)
MUR1520
TO−220
MUR1520G
TO−220
(Pb−Free)
MUR1540
TO−220
MUR1540G
TO−220
(Pb−Free)
MUR1560
TO−220
MUR1560G
TO−220
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MUR1560G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1560G ONSEMI-MUR1560G Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
logo
ON Semiconductor
MUR1560G ONSEMI-MUR1560G Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
logo
Inchange Semiconductor ...
MUR1560G ISC-MUR1560G Datasheet
362Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - MUR1560G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com