Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1605CT Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # MUR1605CT
Description  Ultrafast 25, 50 and 75 Nanosecond Recovery Times
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1605CT Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  MUR1605CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1605CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1605CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1605CT Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1605CT Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1605CT Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MUR120 Series
http://onsemi.com
6
PACKAGE DIMENSIONS
AXIAL LEAD
CASE 59−10
ISSUE S
B
D
K
K
F
F
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
4.10
5.20
0.161
0.205
B
2.00
2.70
0.079
0.106
D
0.71
0.86
0.028
0.034
F
−−−
1.27
−−−
0.050
K
25.40
−−−
1.000
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 59−04 OBSOLETE, NEW STANDARD 59−09.
4. 59−03 OBSOLETE, NEW STANDARD 59−10.
5. ALL RULES AND NOTES ASSOCIATED WITH
JEDEC DO−41 OUTLINE SHALL APPLY
6. POLARITY DENOTED BY CATHODE BAND.
7. LEAD DIAMETER NOT CONTROLLED WITHIN F
DIMENSION.
MUR120/D


Similar Part No. - MUR1605CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1605CT MCC-MUR1605CT Datasheet
59Kb / 2P
   16 Amp Super Fast Glass Pass ivated Rectifier 50 to 200 Volts
logo
Motorola, Inc
MUR1605CT MOTOROLA-MUR1605CT Datasheet
314Kb / 5P
   ULTRAFAST RECTIFIERS
logo
Shanghai Lunsure Electr...
MUR1605CT CHENYI-MUR1605CT Datasheet
613Kb / 2P
   16Amp super fast glass passivated rectifier 50to600 volts
logo
Taiwan Semiconductor Co...
MUR1605CT TSC-MUR1605CT Datasheet
321Kb / 2P
   16.0 Ampere Glass Passivated Junction Ultrafast Recovery Rectiflers
logo
Digitron Semiconductors
MUR1605CT DIGITRON-MUR1605CT Datasheet
114Kb / 2P
   16A SCHOTTKY RECTIFIER
More results

Similar Description - MUR1605CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
   Low forward and reverse recovery times
February 2014 Rev 1
BAS70 STMICROELECTRONICS-BAS70 Datasheet
185Kb / 14P
   Low forward and reverse recovery times
October 2009 Rev 2
logo
Vishay Siliconix
HFA25TB60 VISHAY-HFA25TB60 Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
186Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60S VISHAY-HFA25TB60S Datasheet
176Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25PB60 VISHAY-HFA25PB60 Datasheet
203Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60SPBF VISHAY-HFA25TB60SPBF Datasheet
179Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
VS-HFA08PB60PBF VISHAY-VS-HFA08PB60PBF Datasheet
195Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 20-Apr-16
VS-HFA30PB120HN3 VISHAY-VS-HFA30PB120HN3 Datasheet
169Kb / 7P
   Ultrafast and ultrasoft recovery
Revision: 14-Jul-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com