Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1610FCT Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MUR1610FCT
Description  16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1610FCT Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MUR1610FCT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1610FCT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MUR1605FCT
THRU
MUR1660FCT
16 Amp
Super Fast
Recovery Rectifier
50 to 600 Volts
Features
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
Super fast recovery times, high voltage
Maximum Ratings
Operating Junction Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
16A
TC = 90
°C
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
         
TJ = 25
°C
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H

INCHES
MM






A
.583
.606
14.80
15.40
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
ITO-220AB
PIN
13
2
O
---
.055
---
1.40
Maximum
Instantaneous
Forward Voltage
1605FCT-1620FCT
1630FCT-1640FCT
VF
.95V
1.30V
IFM = 8A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10uA
Ta = 25°C
500uA
Ta = 150°C
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
1605FCT-1620FCT
1630FCT-1660FCT
35ns
50ns
1.70V
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MUR1
610FCT MUR1610FCT
100V
70V
100V
MUR1
615FCT MUR1615FCT
150V
105V
150V
MUR1
620FCT MUR1620FCT
200V
140V
200V
MUR1
630FCT MUR1630FCT
300V
210V
300V
MUR1
640FCT MUR1640FCT
400V
280V
400V
MUR1
605FCT MUR1605FCT
50V
35V
50V
MUR1
660FCT MUR1660FCT
600V
420V
600V
35ns
50ns
1660FCT
1.70V
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
www.kersemi.com


Similar Part No. - MUR1610FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1610FCT MCC-MUR1610FCT Datasheet
78Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
796Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1610FCT MCC-MUR1610FCT Datasheet
490Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - MUR1610FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1605FCT MCC-MUR1605FCT Datasheet
78Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1615FCT KERSEMI-MUR1615FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
796Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1605FCT MCC-MUR1605FCT_16 Datasheet
490Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1620FCT KERSEMI-MUR1620FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER8A MCC-ER8A Datasheet
78Kb / 2P
   8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_11 Datasheet
595Kb / 3P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com